Electronic Components Datasheet Search
  English  ▼

X  

BFT25 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFT25
Description  NPN 2 GHz wideband transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFT25 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFT25 Datasheet HTML 1Page - NXP Semiconductors BFT25 Datasheet HTML 2Page - NXP Semiconductors BFT25 Datasheet HTML 3Page - NXP Semiconductors BFT25 Datasheet HTML 4Page - NXP Semiconductors BFT25 Datasheet HTML 5Page - NXP Semiconductors BFT25 Datasheet HTML 6Page - NXP Semiconductors BFT25 Datasheet HTML 7Page - NXP Semiconductors BFT25 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
November 1992
2
Philips Semiconductors
Product specification
NPN 2 GHz wideband transistor
BFT25
DESCRIPTION
NPN transistor in a plastic SOT23
envelope.
It is primarily intended for use in RF
low power amplifiers, such as in
pocket phones, paging systems, etc.
The transistor features low current
consumption (100
µA to 1 mA); due to
its high transition frequency, it also
has excellent wideband properties
and low noise up to high frequencies.
PINNING
PIN
DESCRIPTION
Code: V1p
1
base
2
emitter
3
collector
Fig.1 SOT23.
fpage
MSB003
Top view
12
3
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
8V
VCEO
collector-emitter voltage
open base
−
5V
Ic
DC collector current
−
6.5
mA
Ptot
total power dissipation
up to Ts = 167 °C; note 1
−
30
mW
fT
transition frequency
IC = 1 mA; VCE = 1 V; f = 500 MHz;
Tamb =25 °C
2.3
−
GHz
Cre
feedback capacitance
IC = 1 mA; VCE = 1 V; f = 1 MHz;
Tamb =25 °C
−
0.45
pF
GUM
maximum unilateral power gain IC = 1 mA; VCE = 1 V; f = 500 MHz;
Tamb =25 °C
18
−
dB
F
noise figure
IC = 1 mA; VCE = 1 V; f = 500 MHz;
Tamb =25 °C
3.8
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
8V
VCEO
collector-emitter voltage
open base
−
5V
VEBO
emitter-base voltage
open collector
−
2V
IC
DC collector current
−
6.5
mA
ICM
peak collector current
f
> 1 MHz
−
10
mA
Ptot
total power dissipation
up to Ts = 167 °C; note 1
−
30
mW
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
−
175
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com