Electronic Components Datasheet Search
  English  ▼

X  

BFT92 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFT92
Description  PNP 5 GHz wideband transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFT92 Datasheet(HTML) 5 Page - NXP Semiconductors

  BFT92 Datasheet HTML 1Page - NXP Semiconductors BFT92 Datasheet HTML 2Page - NXP Semiconductors BFT92 Datasheet HTML 3Page - NXP Semiconductors BFT92 Datasheet HTML 4Page - NXP Semiconductors BFT92 Datasheet HTML 5Page - NXP Semiconductors BFT92 Datasheet HTML 6Page - NXP Semiconductors BFT92 Datasheet HTML 7Page - NXP Semiconductors BFT92 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
November 1992
5
Philips Semiconductors
Product specification
PNP 5 GHz wideband transistor
BFT92
Fig.2 Intermodulation distortion test circuit.
L2 = L3 = 5
µH Ferroxcube choke, catalogue
number 3122 108 20150.
L1 = 4 turns 0.35 mm copper wire;
winding pitch 1 mm; internal diameter 4 mm.
handbook, halfpage
MEA919
16
Ω
L2
680 pF
300
Ω
DUT
L1
680 pF
680 pF
24 V
3.9 k
Ω
820
Ω
75
Ω
75
Ω
390
Ω
L3
Fig.3
DC current gain as a function of collector
current.
VCE = −10 V; Tj =25 °C.
handbook, halfpage
MEA347
0
100
75
25
0
10
20
–I
(mA)
C
FE
h
50
30
Fig.4
Collector capacitance as a function of
collector-base voltage.
IE =ie = 0; f = 1 MHz; Tj =25 °C.
handbook, halfpage
010
1
0
0.8
MEA920
0.6
0.4
0.2
C c
(pF)
–V CB (V)
20
Fig.5
Transition frequency as a function of
collector current.
VCE = −10 V; f = 500 MHz; Tj =25 °C.
handbook, halfpage
010
20
30
6
0
2
4
MEA344
–I
(mA)
C
f T
(GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com