Electronic Components Datasheet Search
  English  ▼

X  

BFT92 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFT92
Description  PNP 5 GHz wideband transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFT92 Datasheet(HTML) 4 Page - NXP Semiconductors

  BFT92 Datasheet HTML 1Page - NXP Semiconductors BFT92 Datasheet HTML 2Page - NXP Semiconductors BFT92 Datasheet HTML 3Page - NXP Semiconductors BFT92 Datasheet HTML 4Page - NXP Semiconductors BFT92 Datasheet HTML 5Page - NXP Semiconductors BFT92 Datasheet HTML 6Page - NXP Semiconductors BFT92 Datasheet HTML 7Page - NXP Semiconductors BFT92 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
November 1992
4
Philips Semiconductors
Product specification
PNP 5 GHz wideband transistor
BFT92
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Notes
1. GUM is the maximum unilateral power gain, assuming S12 is zero and
2. dim = −60 dB (DIN 45004B); IC = −14 mA; VCE = −10 V; RL =75 Ω;
Vp =Vo at dim = −60 dB; fp = 495.25 MHz;
Vq =Vo −6 dB; fq = 503.25 MHz;
Vr =Vo −6 dB; fr = 505.25 MHz;
measured at f(p+q-r) = 493.25 MHz.
SYMBOL
PARAMETER
CONDITIONS
MIN. TYP. MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −10 V;
−−−50
nA
hFE
DC current gain
IC = −14 mA; VCE = −10 V
20
50
−
fT
transition frequency
IC = −14 mA; VCE = −10 V;
f = 500 MHz
−
5
−
GHz
Cc
collector capacitance
IE =ie = 0; VCB = −10 V; f = 1 MHz
−
0.75
−
pF
Ce
emitter capacitance
IC =ic = 0; VEB = −0.5 V; f = 1 MHz
−
0.8
−
pF
Cre
feedback capacitance
IC = −2 mA; VCE = −10 V; f = 1 MHz
−
0.7
−
pF
GUM
maximum unilateral power gain
(note 1)
IC = −14 mA; VCE = −10 V;
f = 500 MHz; Tamb =25 °C
−
18
−
dB
F
noise figure
IC = −5 mA; VCE = −10 V;
f = 500 MHz; Tamb =25 °C
−
2.5
−
dB
Vo
output voltage
note 2
−
150
−
mV
G
UM
10
S
21
2
1S
11
2
–


1S
22
2
–


--------------------------------------------------------------
dB.
log
=



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com