Electronic Components Datasheet Search
  English  ▼

X  

BFT92 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFT92
Description  PNP 5 GHz wideband transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFT92 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFT92 Datasheet HTML 1Page - NXP Semiconductors BFT92 Datasheet HTML 2Page - NXP Semiconductors BFT92 Datasheet HTML 3Page - NXP Semiconductors BFT92 Datasheet HTML 4Page - NXP Semiconductors BFT92 Datasheet HTML 5Page - NXP Semiconductors BFT92 Datasheet HTML 6Page - NXP Semiconductors BFT92 Datasheet HTML 7Page - NXP Semiconductors BFT92 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
November 1992
2
Philips Semiconductors
Product specification
PNP 5 GHz wideband transistor
BFT92
DESCRIPTION
PNP transistor in a plastic SOT23
envelope.
It is primarily intended for use in RF
wideband amplifiers, such as in aerial
amplifiers, radar systems,
oscilloscopes, spectrum analyzers,
etc. The transistor features low
intermodulation distortion and high
power gain; due to its very high
transition frequency, it also has
excellent wideband properties and
low noise up to high frequencies.
NPN complements are BFR92 and
BFR92A.
PINNING
PIN
DESCRIPTION
Code: W1p
1
base
2
emitter
3
collector
Fig.1 SOT23.
fpage
MSB003
Top view
12
3
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−20
V
VCEO
collector-emitter voltage
open base
−−15
V
IC
DC collector current
−−25
mA
Ptot
total power dissipation
up to Ts = 95 °C; note 1
−
300
mW
fT
transition frequency
IC = −14 mA; VCE = −10 V; f = 500 MHz
5
−
GHz
Cre
feedback capacitance
IC = −2 mA; VCE = −10 V; f = 1 MHz
0.7
−
pF
GUM
maximum unilateral power gain
IC = −14 mA; VCE = −10 V;
f = 500 MHz; Tamb =25 °C
18
−
dB
F
noise figure
IC = −5 mA; VCE = −10 V; f = 500 MHz;
Tamb =25 °C
2.5
−
dB
dim
intermodulation distortion
IC = −14 mA; VCE = −10 V; RL =75 Ω;
Vo = 150 mV; Tamb =25 °C;
f(p+q-r) = 493.25 MHz
−60
−
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com