Electronic Components Datasheet Search
  English  ▼

X  

BFT92W Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFT92W
Description  PNP 4 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFT92W Datasheet(HTML) 4 Page - NXP Semiconductors

  BFT92W Datasheet HTML 1Page - NXP Semiconductors BFT92W Datasheet HTML 2Page - NXP Semiconductors BFT92W Datasheet HTML 3Page - NXP Semiconductors BFT92W Datasheet HTML 4Page - NXP Semiconductors BFT92W Datasheet HTML 5Page - NXP Semiconductors BFT92W Datasheet HTML 6Page - NXP Semiconductors BFT92W Datasheet HTML 7Page - NXP Semiconductors BFT92W Datasheet HTML 8Page - NXP Semiconductors BFT92W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
May 1994
4
Philips Semiconductors
Product specification
PNP 4 GHz wideband transistor
BFT92W
Fig.2 Power derating curve.
0
50
100
200
200
0
MLB540
150
T
( C)
o
s
Ptot
(mW)
300
400
100
Fig.3
DC current gain as a function of collector
current, typical values.
VCE = −10 V; Tj =25 °C.
0
60
40
20
0
10
20
MLB541
30
I
(mA)
C
FE
h
Fig.4
Feedback capacitance as a function of
collector-base voltage, typical values.
IC = 0; f = 1 MHz.
0
1
0
20
MLB542
48
V
(V)
CB
C re
(pF)
0.8
0.6
0.4
0.2
12
16
Fig.5
Transition frequency as a function of
collector current, typical values.
f = 500 MHz; Tamb =25 °C.
4
2
0
MLB543
6
f
(GHz)
10 2
10
1
T
I
(mA)
C
V
=
CE
10 V
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com