Electronic Components Datasheet Search
  English  ▼

X  

BFT93 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BFT93
Description  PNP 5 GHz wideband transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFT93 Datasheet(HTML) 1 Page - NXP Semiconductors

  BFT93 Datasheet HTML 1Page - NXP Semiconductors BFT93 Datasheet HTML 2Page - NXP Semiconductors BFT93 Datasheet HTML 3Page - NXP Semiconductors BFT93 Datasheet HTML 4Page - NXP Semiconductors BFT93 Datasheet HTML 5Page - NXP Semiconductors BFT93 Datasheet HTML 6Page - NXP Semiconductors BFT93 Datasheet HTML 7Page - NXP Semiconductors BFT93 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
File under Discrete Semiconductors, SC14
November 1992
DISCRETE SEMICONDUCTORS
BFT93
PNP 5 GHz wideband transistor


Similar Part No. - BFT93

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFT93 SIEMENS-BFT93 Datasheet
58Kb / 7P
PNP Silicon RF Transistor (For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA)
logo
NXP Semiconductors
BFT93 NXP-BFT93 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFT93W PHILIPS-BFT93W Datasheet
127Kb / 24P
PNP 4 GHz wideband transistor
March 1994
BFT93W NXP-BFT93W Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFT93W PHILIPS-BFT93W_15 Datasheet
1Mb / 22P
PNP 4 GHz wideband transistor
March 1994
More results

Similar Description - BFT93

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG31 PHILIPS-BFG31 Datasheet
49Kb / 7P
PNP 5 GHz wideband transistor
1995 Sep 12
BFQ149 PHILIPS-BFQ149 Datasheet
37Kb / 6P
PNP 5 GHz wideband transistor
September 1995
BFT92 PHILIPS-BFT92 Datasheet
47Kb / 8P
PNP 5 GHz wideband transistor
November 1992
BFT92W PHILIPS-BFT92W Datasheet
91Kb / 12P
PNP 4 GHz wideband transistor
May 1994
BFT93W PHILIPS-BFT93W Datasheet
127Kb / 24P
PNP 4 GHz wideband transistor
March 1994
BFQ149 NXP-BFQ149 Datasheet
227Kb / 7P
PNP 5 GHz wideband transistor
Rev. 03-28 September 2007
BFG31 PHILIPS-BFG31_15 Datasheet
228Kb / 9P
PNP 5 GHz wideband transistor
1995 Sep 12
BFQ149_N PHILIPS-BFQ149_N_15 Datasheet
233Kb / 7P
PNP 5 GHz wideband transistor
Rev. 03-28 September 2007
BFT92_CNV PHILIPS-BFT92_CNV_15 Datasheet
208Kb / 10P
PNP 5 GHz wideband transistor
November 1992
BFT93_CNV PHILIPS-BFT93_CNV_15 Datasheet
209Kb / 10P
PNP 5 GHz wideband transistor
November 1992
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com