Electronic Components Datasheet Search
  English  ▼

X  

SVPE Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # SVPE
Description  Conductive Polymer Aluminum Solid Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SVPE Datasheet(HTML) 2 Page - Panasonic Semiconductor

  SVPE Datasheet HTML 1Page - Panasonic Semiconductor SVPE Datasheet HTML 2Page - Panasonic Semiconductor SVPE Datasheet HTML 3Page - Panasonic Semiconductor SVPE Datasheet HTML 4Page - Panasonic Semiconductor SVPE Datasheet HTML 5Page - Panasonic Semiconductor SVPE Datasheet HTML 6Page - Panasonic Semiconductor SVPE Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SVPE series
*1: Ripple current (100 kHz / +105
℃)
*2: Reference value at 300 kHz
*3: tan δ (120 Hz / +20
℃)
*4: After 2 minutes
◆ Please refer to each page in this catarog for “Reflow conditions” and “Taping specifications”.
3900
10
9
0.12
500
2R5SVPE390M
1000
820
6.3
5.9
3900
10
9
0.12
1020
2R5SVPE820M
1000
C6
Min.
Packaging
Q'ty
(pcs)
Part number
Standard
(Reel size : ø380)
LC*4
(μA
)
tan δ*3
Rated
capacitance
(±20 %)
(μF)
øD
L
(mm)
Case size
Size
code
Specifications
Ripple
current*1
(mA rms)
ESR (mΩ max.)
100 kHz
/ 20
℃
300 kHz*2
/ 20
℃
1000
6.3
5.9
3900
10
9
0.12
500
C6
2700
20
18
0.12
500
10SVPE220M
1000
500
2SVPE1200M
500
5.0
5.9
3860
10
9
0.12
500
2R5SVPE270M
1500
6.3
9.9
5230
8
8
0.12
2R5SVPE330MY
1500
2R5SVPE390MX
1500
3860
10
9
0.12
500
1000
6.3
5.9
Should a safety concern arise regarding this product, please be sure to contact us immediately.
3860
10
9
0.12
700
500
3150
15
13
0.12
500
6SVPE150M
3150
15
3900
10
9
0.12
1220
6SVPE390M
Frequency(f)
120 Hz
≦ f < 1 kHz
330
1 kHz
≦ f < 10 kHz
10 kHz
≦ f < 100 kHz
500
2R5SVPE330M
1500
9.9
5.0
5.9
5.0
5.9
3150
15
13
0.12
13
0.12
500
3520
12
10
0.12
Characteristics list
C10
B6
6.3
150
B6
220
390
01-Apr-22
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Rated
voltage
(V)
1500
6SVPE180M
1500
6SVPE220MW
1500
6SVPE220M
100 kHz
≦ f < 500 kHz
Coefficient
0.05
0.3
0.7
1
Frequency correction factor for ripple current
10
220
16
180
C10
470
F12
6.3
5.9
16SVPE180M
500
1504
16SVPE470M
400
6100
10
9
0.12
4460
11
10
0.12
576
5.0
5.9
180
5.0
5.9
10.0
12.6
6.3
2.0
1200
270
5.0
5.9
5.0
5.9
2.5
390
6.3
5.9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com