Electronic Components Datasheet Search
  English  ▼

X  

SVPE Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # SVPE
Description  Conductive Polymer Aluminum Solid Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SVPE Datasheet(HTML) 1 Page - Panasonic Semiconductor

  SVPE Datasheet HTML 1Page - Panasonic Semiconductor SVPE Datasheet HTML 2Page - Panasonic Semiconductor SVPE Datasheet HTML 3Page - Panasonic Semiconductor SVPE Datasheet HTML 4Page - Panasonic Semiconductor SVPE Datasheet HTML 5Page - Panasonic Semiconductor SVPE Datasheet HTML 6Page - Panasonic Semiconductor SVPE Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
● Low ESR (8 mΩ max.)
● Large capacitance (1200 μF max.)
● RoHS compliance, Halogen free
Unit
:mm
* Depends on the case size.
*1 : Reference
øD±0.5
L
C±0.2
R
2.1
2.1
2.5 V to 10 V
2.0 V to 16 V
16 V
220 μF to 820 μF
180 μF to 1200 μF
470 μF
C10
C6
P*1
code
Size
6.6
6.6
7.3
0.6 to 0.8
7.3
0.6 to 0.8
6.3
5.9
6.6
6.3
9.9
6.6
01-Apr-22
Should a safety concern arise regarding this product, please be sure to contact us immediately.
F12
10.0
10.3
11.0
0.8 to 1.1
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
12.6
10.3
4.6
B6
5.0
5.9
5.3
+60
℃, 90 % to 95 % RH, 1000 h, No-applied voltage
Capacitance change
Within ±20 % of the initial value
Dissipation factor (tanδ)
≦ 150 % of the initial limit
0.6 to 0.8
1.4
5.3
6.0
W±0.2
H±0.2
Rated voltage range
Category temp. range
2.5 V to 6.3 V
Nominal cap.range
Please see the attached characteristics list
±20 % (120 Hz / +20
℃)
150 μF to 390 μF
Damp heat
(Steady state)
DC leakage current
Within the initial limit (after voltage processing)
DC leakage current
Capacitance tolerance
Dissipation factor (tanδ)
DC leakage current
Dissipation factor (tan δ)
Please see the attached characteristics list
+105
℃ 2000 h, rated voltage applied
Within ±20 % of the initial value
≦ 150 % of the initial limit
Within the initial limit
Endurance
Marking
Dimensions (not to scale)
Conductive Polymer Aluminum
Solid Capacitors
Surface Mount Type
SVPE series
Features
–55
℃ to +105 ℃
Size code
C6
C10
F12
B6
Specifications
Capacitance change
Polarity marking (−)
R. capacitance
(μF)
Series code*
R. voltage
(V)
Lot No.
+0.1
-0.4
L
R
0.2 max.
W
⊖
⊕


Similar Part No. - SVPE

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
SVPE PANASONICBATTERY-SVPE Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
More results

Similar Description - SVPE

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
United Chemi-Con, Inc.
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
Conductive Polymer Aluminum Solid Capacitors ?
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
Conductive Polymer Aluminum Solid Capacitors
4SEQP150M PANASONIC-4SEQP150M Datasheet
527Kb / 9P
Conductive Polymer Aluminum Solid Capacitors
4SVQP150M PANASONIC-4SVQP150M Datasheet
436Kb / 7P
Conductive Polymer Aluminum Solid Capacitors
25SEK82M PANASONIC-25SEK82M Datasheet
500Kb / 9P
Conductive Polymer Aluminum Solid Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com