Electronic Components Datasheet Search
  English  ▼

X  

SVPE Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # SVPE
Description  Conductive Polymer Aluminum Solid Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SVPE Datasheet(HTML) 5 Page - Panasonic Semiconductor

  SVPE Datasheet HTML 1Page - Panasonic Semiconductor SVPE Datasheet HTML 2Page - Panasonic Semiconductor SVPE Datasheet HTML 3Page - Panasonic Semiconductor SVPE Datasheet HTML 4Page - Panasonic Semiconductor SVPE Datasheet HTML 5Page - Panasonic Semiconductor SVPE Datasheet HTML 6Page - Panasonic Semiconductor SVPE Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Conductive Polymer Aluminum Solid Capacitors
1.1 Prohibited circuits
(1) Leakage current of the OS-CON may increase in the following conditions.
(a) Soldering
(b) When voltage is not applied : high temperature no-load test, high temperature and high humiditynoload test,
 rapidly changing temperature test, etc.
(2) Avoid the use of the OS-CON in the following type of circuits because leakage current may increase.
(a) High-impedance circuits
(b) Coupling circuits
(c) Time constant circuits
(d) Other circuits that are significantly affected by leakage current.
✽ If you plan to use 2 or more OS-CONs in a series connection, please contact us before use。
1.2 Failure and life-span
The failure rate is 0.5 % /1000 h (Confidence level : 60 %) based on JIS C 5003.
The prospective failure is not zero. The mainly failure modes are as follows.
1.2-1 Contingency failure
The most common failure mode is a short circuit. Mainly caused by the soldering or operating temperature
environment, along with heat stresses, electrical stresses or mechanical stressesas follows.
・ Applying voltage over the rated voltage.
・ Applying reverse voltage
・ Excessive mechanical stress
・ Applying rush current by sudden charge or discharge out of the specification.
(1) The following phenomenon is seen when short-current is applied to the OS-CON.
(a) When current is relatively low. (ø10 : approx 1 A or less, ø8 : approx 0.5 A or less, ø6.3 : approx 0.2 A or less)
The OS-CON becomes heated, but no effects are visible even when the current is continously carried.
(b) When the short circuit currents exceed the mentioned value above.
After internal temperature increase, sealing rubber may be turned over.
In some cases, odorous gas may be produced.
(2) In case a short circuit occurs, ensure safety by fully considering the followings.
(a) If odorous gas is released, turn off the main power of the equipment.
In this case, keep your face and hands away from the area.
(b) It may take a few seconds to a few minutes for odor gas to be generated depending on the conditions.
When using a protective circuit, design the product so that it operates during this period.
(c) If the gas comes into eyes, rinse immediately. If the gas is inhaled, gargle immediately.
(d) Do not lick the electrolyte. If the electrolyte touches skin, wash it off with soap immediately.
(e) OS-CON contains combustibles. The short-circuit part may spark and catch fire if the current value after a
short-circuit is extremely large. Provide for safety designs such as redundant design and protection circuit.
1.2-2 Wear-out failure (life time)
When lifetime span exceeded the specified guarantee time of endurance and damp heat, electrolyte might insulate
and cause electric characteristic changed. This is called an open circuit.
The electric characteristics of capacitance and ESR may possibly change within the specified range in specifications
even if it is used under the condition of the rated voltage, electric and mechanical performance.
Please note it when designing.
1.3 Leakage current
Mechanical stress may cause OS-CON’s leakage current increased.
In such a case, leakage current will gradually decrease by applying voltage (withinthe category voltage and the upper
limit of category temperature).
1.4 Rapid charge and discharge limitation
Allowance of a large rush current to flow due to rapid charge and discharge may result in short circuit or large leakage
current. The protection circuit, to maintain high reliability, is recommended when rush current to flow to the OS-CON
is in the following cases.
(1) Products which 10 times of allowable ripple current is less than 10 A : It is when 10 A or over of rush current is
applied.
(2) Products which 10 times of allowable ripple current is 10 A or over : It is when rush current, which the figure is over
10 times of allowable ripple current, is applied.
05-Mar-21
  Application Guidelines (OS-CON)
1. Circuit design



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com