Electronic Components Datasheet Search
  English  ▼

X  

FH1 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # FH1
Description  High Dynamic Range FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FH1 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  FH1 Datasheet HTML 1Page - WJ Communication. Inc. FH1 Datasheet HTML 2Page - WJ Communication. Inc. FH1 Datasheet HTML 3Page - WJ Communication. Inc. FH1 Datasheet HTML 4Page - WJ Communication. Inc. FH1 Datasheet HTML 5Page - WJ Communication. Inc. FH1 Datasheet HTML 6Page - WJ Communication. Inc. FH1 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 3 of 7 July 2006
FH1
High Dynamic Range FET
Product Information
The Communications Edge TM
Reference Design: 35 MHz, 17 dB Gain
Frequency
MHz
30
35
40
Gain
dB
16.6
16.8
16.8
S11
dB
-19
-20
-13
S22
dB
-21
-16
-14
P1dB
dBm
+21
OIP3
dBm
+39
Noise Figure
dB
4.0
3.4
3.2
Supply Voltage
V
+5
Supply Current
mA
140
25
30
35
40
45
Frequency (MHz)
Gain / Return Loss
13
14
15
16
17
18
-25
-20
-15
-10
-5
0
DB(|S(2,1)|) (L)
DB(|S(1,1)|) (R)
DB(|S(2,2)|) (R)
ID=R1
C=68 pF
ID=C2
C=1000 pF
ID=C3
C=1000 pF
ID=C6
C=1000 pF
ID=L1
L=470 nH
ID=R6
R=390 Ohm
ID=R7
R=390 Ohm
ID=R8
L=390 nH
ID=C1
R=3.9 Ohm
1
2
NET="FH1"
+5V
Notes:
1.
r
2.
Components not shown in the schematic are either not used or loaded with a thru. Gain for the circuit can be adjusted slightly with the modification of the feedback resistance.
Reference Design: 170 MHz, 14 dB Gain
Frequency
MHz
160
170
180
Gain
dB
14.1
14.2
14.3
S11
dB
-25
-33
-28
S22
dB
-21
-23
-26
P1dB
dBm
+21.6
OIP3
dBm
+42
Noise Figure
dB
2.7
2.7
2.7
Supply Voltage
V
+5
Supply Current
mA
140
0.12
0.14
0.16
0.18
0.2
0.22
Frequency (GHz)
Gain / Return Loss (dB)
11
12
13
14
15
-40
-30
-20
-10
0
DB(|S(2,1)|) (L)
DB(|S(1,1)|) (R)
DB(|S(2,2)|) (R)
ID=R1
C=24 pF
ID=C2
C=1000 pF
ID=C3
C=1000 pF
ID=C6
C=1000 pF
ID=L1
L=220 nH
ID=R6
R=240 Ohm
ID=R7
R=240 Ohm
ID=R2
R=4 Ohm
ID=R8
L=82 nH
1
2
NET="FH1"
+5V
Notes:
1.
Circuit Board Material: .014” Getek ML200DSS ( r
2.
Components not shown in the schematic are either not used or loaded with a thru. Gain for the circuit can be adjusted slightly with the modification of the feedback resistance.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com