Electronic Components Datasheet Search
  English  ▼

X  

FH1 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # FH1
Description  High Dynamic Range FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FH1 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  FH1 Datasheet HTML 1Page - WJ Communication. Inc. FH1 Datasheet HTML 2Page - WJ Communication. Inc. FH1 Datasheet HTML 3Page - WJ Communication. Inc. FH1 Datasheet HTML 4Page - WJ Communication. Inc. FH1 Datasheet HTML 5Page - WJ Communication. Inc. FH1 Datasheet HTML 6Page - WJ Communication. Inc. FH1 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 1 of 7 July 2006
FH1
High Dynamic Range FET
Product Information
The Communications Edge TM
Product Features
x 50 – 3000 MHz
x Low Noise Figure
x 18 dB Gain
x +42 dBm OIP3
x +21 dBm P1dB
x Single or Dual Supply Operation
x Lead-free/Green/RoHS-compliant
SOT-89 Package
x MTTF > 100 years
Applications
x Mobile Infrastructure
x CATV / DBS
x W-LAN / ISM
x Defense / Homeland Security
Product Description
The FH1 is a high dynamic range FET packaged in a low-
cost surface-mount package. The combination of low noise
figure and high output IP3 at the same bias point makes it
ideal for receiver and transmitter applications. The device
combines dependable performance with superb quality to
maintain MTTF values exceeding 100 years at mounting
temperatures of +85
qC. The FH1 is available the
enviornmentally-friendly lead-free/green/RoHS-compliant
SOT-89 package.
The device utilizes a high reliability GaAs MESFET
technology and is targeted for applications where high
linearity is required. It is well suited for various current
and next generation wireless technologies such as GPRS,
GSM, CDMA, and W-CDMA. In addition, the FH1 will
work for other applications within the 50 to 3000 MHz
frequency range such as fixed wireless.
Functional Diagram
Function
Pin No.
Gate
1
Drain
3
Source
2, 4
Specifications (1)
DCElectrical Parameter Units Min Typ Max
Saturated Drain Current, Idss (2)
mA
100
140
170
Transconductance, Gm
mS
120
Pinch-off Voltage, Vp (3)
V
-3
-1.5
RFParameter
Units Min Typ Max
Operational Bandwidth
MHz
50 – 3000
Test Frequency
MHz
800
Small-signal Gain, Gss
dB
17
18
Max Stable Gain, Gmsg
dB
23
Output IP3 (4)
dBm
+38
+42
P1dB
dBm
+21
Minimum Noise Figure (5)
dB
0.77
Drain Bias
V
+5
Gate Bias
V
0
1. DC and RF parameters are measured under the following conditions unless otherwise noted:
25 C with Vds = 5V, Vgs = 0V, in a 50
system.
2. Idss is measured with Vgs = 0V.
3. Pinch-off voltage is measured with Ids = 0.6 mA.
4. 3OIP measured with two tones at an output power of +5 dBm/tone separated by 10 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
5. The minimum noise figure has S = L = OPT.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85
qC
Storage Temperature
-55 to +150
qC
Drain to Source Voltage
+7 V
Gate to Source Voltage
-6 V
Gate Current
4.5 mA
RF Input Power (continuous)
4 dB above Input P1dB
Junction Temperature
+220
qC
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance (6)
Parameter
Units
Typical
Frequency
MHz
900
1960
2140
S21
dB
19
16.5
16.5
S11
dB
-11
-20
-22
S22
dB
-10
-9
-9
Output IP3 (4)
dBm
+42
+40
+40
Output P1dB
dBm
+21.8
+22.1
+22.1
Noise Figure
dB
2.7
3.1
3.0
Drain Bias
5V @ 140mA
Gate Voltage
V
0
6. The device requires appropriate matching to become unconditionally stable. Parameters reflect
performance in an appropriate application circuit.
Ordering Information
Part No.
Description
FH1-G
High Dynamic Range FET
(lead-free/green/RoHS-compliant SOT-89 package)
1
2
3
4


Similar Part No. - FH1

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
FH1 WJCI-FH1 Datasheet
301Kb / 7P
High Dynamic Range FET
logo
GOOD-ARK Electronics
FH1 GOOD-ARK-FH1 Datasheet
379Kb / 4P
Surface Mount Glass Passivated High Efficiency Rectifier
logo
Hirose Electric
FH1-05S-2.54DSA HIROSE-FH1-05S-2.54DSA Datasheet
66Kb / 4P
2.54mm Pitch Miniature Connector for Flexible Board
FH1-08S-2.54DS HIROSE-FH1-08S-2.54DS Datasheet
66Kb / 4P
2.54mm Pitch Miniature Connector for Flexible Board
FH1-08S-2.54DSA HIROSE-FH1-08S-2.54DSA Datasheet
66Kb / 4P
2.54mm Pitch Miniature Connector for Flexible Board
More results

Similar Description - FH1

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
FH101 WJCI-FH101 Datasheet
177Kb / 4P
High Dynamic Range FET
logo
List of Unclassifed Man...
FHF1 ETC-FHF1 Datasheet
82Kb / 4P
High Dynamic Range FET
HMJ1 ETC1-HMJ1 Datasheet
222Kb / 3P
High Dynamic Range FET Mixer
HMJ4 ETC1-HMJ4 Datasheet
56Kb / 4P
High Dynamic Range FET Mixer
logo
WJ Communication. Inc.
HMJ8 WJCI-HMJ8 Datasheet
54Kb / 4P
High Dynamic Range FET Mixer
HMJ7 WJCI-HMJ7 Datasheet
262Kb / 3P
High Dynamic Range FET Mixer
FH1 WJCI-FH1_07 Datasheet
301Kb / 7P
High Dynamic Range FET
FH1 WJCI-FH1_07 Datasheet
301Kb / 7P
High Dynamic Range FET
FH101 WJCI-FH101_07 Datasheet
297Kb / 7P
High Dynamic Range FET
logo
TriQuint Semiconductor
FH1-G TRIQUINT-FH1-G_15 Datasheet
816Kb / 10P
High Dynamic Range FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com