| Electronic Components Datasheet Search |
|
PBSS303PD Datasheet(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PBSS303PD Datasheet(HTML) 6 Page - NXP Semiconductors |
|
6 / 12 page ![]() 6 Combining a BISS transistor with a RET, BISS Loadswitches provide full miniature loadswitch functionality in a single package and deliver best-in-class performance. Key features - BISS transistor and RET in one package - Low “threshold” voltage (< 1 V) compared to MOSFET - Small drive power required - Best-in-class performance for loadswitches - Available for switching loads of 0.5 – 1 A BISS Loadswitches SOT457 (SC-74) SOT363 (SC-88) I C (A) V CEO (V) V CEsat (mV) @ 500 mA R1 = R2 (kΩ) 0.5 40 350 2.2 PBLS4001Y 4.7 PBLS4002Y 10 PBLS4003Y 22 PBLS4004Y 47 PBLS4005Y 1.0 40 170 2.2 PBLS4001D 4.7 PBLS4002D 10 PBLS4003D 22 PBLS4004D 47 PBLS4005D 60 180 2.2 PBLS6001D 4.7 PBLS6002D 10 PBLS6003D 22 PBLS6004D 47 PBLS6005D Key benefits - Integrated on-the-shelve solution for switching loads • Saves design and sourcing costs • Reduction in boardspace requirements • Just one or two external resistors needed for full loadswitch capability - Combination of low voltage drop and low base drive current • BISS transistor in the power path provides the lowest energy-losses • RET in the control path provides a low base drive current Key applications - Supply line switches, e.g. in control units - Control of lamps, motors and switches, e.g. instrument clusters - High side switches for drivers MSE336 Tr1 Low VCEsat (BISS) Tr2 (RET) R1 R2 GND Control input Power supply Load Loadswitch |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |