Electronic Components Datasheet Search
  English  ▼

X  

PBSS303PD Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PBSS303PD
Description  Low VCEsat (BISS) transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS303PD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PBSS303PD Datasheet HTML 4Page - NXP Semiconductors PBSS303PD Datasheet HTML 5Page - NXP Semiconductors PBSS303PD Datasheet HTML 6Page - NXP Semiconductors PBSS303PD Datasheet HTML 7Page - NXP Semiconductors PBSS303PD Datasheet HTML 8Page - NXP Semiconductors PBSS303PD Datasheet HTML 9Page - NXP Semiconductors PBSS303PD Datasheet HTML 10Page - NXP Semiconductors PBSS303PD Datasheet HTML 11Page - NXP Semiconductors PBSS303PD Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
PESD1LIN and PESD1CAN
Also specific automotive devices are available; with the PESD1LIN
Philips offers the best-in-class ESD protection of one LIN bus line.
The asymmetrical diode configuration ensures optimized
electromagnetic immunity of LIN transceivers.The PESD1CAN is
designed to protect two CAN bus lines and can be used for both
high speed CAN bus and the fault-tolerant CAN bus protection.
With the very low C max. of the PESD1CAN the unwanted parasitic
capacitance is reduced to an absolute minimum.
bra519
CG
CAN BUS
TRANSCEIVER
CAN
bus
PESD1CAN
SPLIT
2
3
1
RT/2
RT/2
CANH
CANL
Common
mode choke
(optional)
bra328
LIN
Transceiver
PESD1LIN
CMASTER/SLAVE
CBAT
24 V
Application (e.g. voltage regulator and microcontroller)
Power Application (e.g. electro motor, inductive loads)
LIN Node
Connector
15 V
BAT
GND
LIN
Series
Philips name Body size (mm)
Pins
JEITA
l x w x h
S-mini
SOD323F
1.7 x 1.25 x 0.7
2
SC-90
flatleads
SOD323
1.7 x 1.25 x 0.95
2
SC-76
SOD123F
2.6 x 1.6 x 1.1
2
flatleads
SOT323
2.0 x 1.25 x 0.95
3
SC-70
SOT353
2.0 x 1.25 x 0.95
5
SC-88A
SOT363
2.0 x 1.25 x 0.95
6
SC-88
Mini
SOT23
2.9 x 1.3 x 1.0
3
SOT346
2.9 x 1.5 x 1.15
3
SC-59
SOT143B
2.9 x 1.3 x 1.0
4
SOT457
2.9 x 1.5 x 1.0
6
SC-74
Medium power
SOT89
4.5 x 2.5 x 1.25
3
SC-62
flatleads
SOT223
6.5 x 3.5 x 1.65
3/4
SC-73
Small-signal discretes packages for automotive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com