Electronic Components Datasheet Search
  English  ▼

X  

PBSS303PD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PBSS303PD
Description  Low VCEsat (BISS) transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS303PD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PBSS303PD Datasheet HTML 4Page - NXP Semiconductors PBSS303PD Datasheet HTML 5Page - NXP Semiconductors PBSS303PD Datasheet HTML 6Page - NXP Semiconductors PBSS303PD Datasheet HTML 7Page - NXP Semiconductors PBSS303PD Datasheet HTML 8Page - NXP Semiconductors PBSS303PD Datasheet HTML 9Page - NXP Semiconductors PBSS303PD Datasheet HTML 10Page - NXP Semiconductors PBSS303PD Datasheet HTML 11Page - NXP Semiconductors PBSS303PD Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Integrated discrete MOSFET drivers combine several discrete products into one package to offer MOSFET
driving functionality.With a choice of configurations Philips offers solutions to take load from the driving circuit,
improve the efficiency of the MOSFET and enable design flexibility.
Key features
- Complete MOSFET driving functionality in
one package
- Several configurations available
MOSFET drivers
Key benefits
- Improved MOSFET efficiency by
• Minimizing rise and fall time
• Fast gate (dis-)charge of the driven
MOSFET
- Takes load from the driving circuit
and thus minimizes the IC power dissipation
- More design flexibility: the control IC and
the MOSFET do not have to be placed as
close as possible anymore
- Cost-effective alternative to IC-solutions
Key applications
- MOSFET driver
- Bipolar power transistor driver
- Push-pull driver
SOT457 (SC-74)
SOT346 (SC-59A)
SOT457 (SC-74)
SOT457 (SC-74)
Configuration
bra837
Tr1
Tr3
D1
Tr2
1
6
4
5
2
3
bra838
3
1
2
Tr1
D1
bra839
3
1
2
D1
Tr1
D1
R2
R1
Rext
Tr2
Tr1
6
1
2
4, 5
3
bra840
Tr1
Tr2
4
1
2, 3
5, 6
bra841
P
tot max.
600 mW
250 mW
600 mW
600 mW
Contains
I
C (A)
I
CM (A)
R1 = R2 (kΩ)
General purpose transistors
0.1
0.2
PMD9050D
PMD4001K (NPN)
-
PMD9010D
PMD5001K (PNP)
2.2
PMD9001D
4.7
PMD9002D
10
PMD9003D
Switching transistors -
reduced storage time
0.6
1.2
PMD4002K (NPN)
PMD2001D
PMD5002K (PNP)
Low V
CEsat (BISS) transistors -
Low V
CEsat, high hFE and IC
1.0
2.0
PMD4003K (NPN)
PMD3001D
PMD5003K (PNP)
Release mid 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com