Electronic Components Datasheet Search
  English  ▼

X  

AH202 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # AH202
Description  1W High Linearity Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH202 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  AH202 Datasheet HTML 1Page - WJ Communication. Inc. AH202 Datasheet HTML 2Page - WJ Communication. Inc. AH202 Datasheet HTML 3Page - WJ Communication. Inc. AH202 Datasheet HTML 4Page - WJ Communication. Inc. AH202 Datasheet HTML 5Page - WJ Communication. Inc. AH202 Datasheet HTML 6Page - WJ Communication. Inc. AH202 Datasheet HTML 7Page - WJ Communication. Inc. AH202 Datasheet HTML 8Page - WJ Communication. Inc. AH202 Datasheet HTML 9Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 2 of 9 August 2005 Rev 2
AH202
1W High Linearity Amplifier
Product Information
The Communications Edge TM
Typical Device Data
S-parameters (VDS = +11 V, IDS
P$ XQPDWFKHG GHYLFH LQ D  V\VWHP 
x Measurements are shown for an unmatched packaged device with the data being de-embedded to the device leads.
0
0.5
1
1.5
2
2.5
Frequency (GHz)
Gain
10
11
12
13
14
15
16
17
18
19
20
0
0.5
1
1.5
2
2.5
Frequency (GHz)
Return Losses
-30
-25
-20
-15
-10
-5
0
S11
S22
S-Parameters (VDS = +11.0V, IDS = 330mA, T = +25
qC, unmatched device in a 50 : system)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-17.78
-137.86
18.26
169.32
-21.43
1.41
-15.33
-170.64
100
-18.60
-153.83
18.06
166.20
-21.34
-4.54
-15.51
177.37
200
-17.34
-150.80
18.03
156.86
-21.46
-12.16
-16.27
161.24
400
-14.70
-149.17
17.87
135.75
-21.84
-25.03
-18.57
135.96
600
-11.92
-159.61
17.43
115.76
-22.34
-37.49
-21.38
93.89
800
-10.29
-171.08
16.93
96.20
-22.96
-48.84
-26.07
25.81
1000
-9.20
174.71
16.36
77.49
-23.72
-61.29
-21.37
-47.34
1200
-8.23
160.52
15.90
58.22
-24.54
-73.36
-16.16
-78.06
1400
-7.74
145.06
15.43
40.52
-25.32
-85.56
-12.76
-98.55
1600
-7.43
127.89
15.04
23.04
-26.07
-99.09
-10.27
-114.42
1800
-7.73
108.79
14.82
4.23
-26.69
-115.15
-8.39
-129.46
2000
-8.76
84.28
14.72
-15.48
-26.94
-132.95
-7.17
-144.14
2200
-10.40
43.69
14.59
-38.77
-26.60
-155.57
-6.37
-158.61
2400
-10.57
-24.74
14.42
-65.43
-25.80
176.52
-6.14
-172.06
2600
-6.72
-90.87
13.29
-97.06
-25.02
143.13
-6.69
176.96
2800
-3.60
-136.82
10.89
-128.44
-24.82
111.82
-7.11
173.14
3000
-1.91
-167.99
7.61
-154.46
-25.13
87.68
-6.73
174.58
Application Circuit PC Board Layout
Circuit Board Material: .014” Getek ( r=4.2), four layer, 1 oz copper
Microstrip line details: width = .026”, spacing = .026”



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com