Electronic Components Datasheet Search
  English  ▼

X  

AH202 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # AH202
Description  1W High Linearity Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH202 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  AH202 Datasheet HTML 1Page - WJ Communication. Inc. AH202 Datasheet HTML 2Page - WJ Communication. Inc. AH202 Datasheet HTML 3Page - WJ Communication. Inc. AH202 Datasheet HTML 4Page - WJ Communication. Inc. AH202 Datasheet HTML 5Page - WJ Communication. Inc. AH202 Datasheet HTML 6Page - WJ Communication. Inc. AH202 Datasheet HTML 7Page - WJ Communication. Inc. AH202 Datasheet HTML 8Page - WJ Communication. Inc. AH202 Datasheet HTML 9Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 3 of 9 August 2005 Rev 2
AH202
1W High Linearity Amplifier
Product Information
The Communications Edge TM
Reference Design: 50-800 MHz
The AH202 is suitable for applications between 50 – 800 MHz without any requirements for input or output matching. Only
bypass and blocking capacitors and an RF bias choke are needed for operation. A user can simply request an AH202-PCB900
Evaluation Board and replace components C1, C2, C3, C6, L1, and L2 to the values shown below to evaluate the device.
Frequency
MHz
50
200 400 600 800
S21 – Gain
dB
18
17.9 17.5 17.0 16.3
S11 – Input Return Loss
dB
-13
-17
-15 -12.4 -10.3
S22 – Output Return Loss
dB
-13
-15
-17
-22
-28
Output P1dB
dBm
+30
Output IP3
(+10 dBm / tone, 10 MHz spacing)
dBm
+47
Supply Bias
dB
+11 V @ 330 mA
RES
ID=L2
R=0 Ohm
CAP
ID=C1
C=1000 pF
CAP
ID=C2
C=1000 pF
IND
ID=L1
L=470 nH
CAP
ID=C4 (0805)
C=1000 pF
CAP
ID=C5
C=1e5 pF
SUBCKT
ID=S1
NET="AH202_F"
PORT
P=1
Z=50 Ohm
PORT
P=2
Z=50 Ohm
+ 11V
0
0.2
0.4
0.6
0.8
1
Frequency (GHz)
Measured Performance
-30
-25
-20
-15
-10
-5
0
5
10
15
20
DB(|S[1,1]|)
DB(|S[2,1]|)
DB(|S[2,2]|)
Notes:
R=0
removed from the circuit without any effect to the performance.
The microstrip line is weakly co-planar. Ground planes around it are not necessary for operation
of the AH202.
Adequate heat sinking is required for the device. Further mounting instructions are shown in the
AH202 datasheet.
The RF choke should be a wirewound ceramic type to insure sufficient current carrying capacity.
Coilcraft’s 1008 CS series is recommended (part #1008CS-471X_B_).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com