Electronic Components Datasheet Search
  English  ▼

X  

AH202 Datasheet(PDF) 7 Page - WJ Communication. Inc.

Part # AH202
Description  1W High Linearity Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH202 Datasheet(HTML) 7 Page - WJ Communication. Inc.

  AH202 Datasheet HTML 1Page - WJ Communication. Inc. AH202 Datasheet HTML 2Page - WJ Communication. Inc. AH202 Datasheet HTML 3Page - WJ Communication. Inc. AH202 Datasheet HTML 4Page - WJ Communication. Inc. AH202 Datasheet HTML 5Page - WJ Communication. Inc. AH202 Datasheet HTML 6Page - WJ Communication. Inc. AH202 Datasheet HTML 7Page - WJ Communication. Inc. AH202 Datasheet HTML 8Page - WJ Communication. Inc. AH202 Datasheet HTML 9Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 7 of 9 August 2005 Rev 2
AH202
1W High Linearity Amplifier
Product Information
The Communications Edge TM
Application Circuit: 2140 MHz (AH202-PCB2140)
Typical RF Performance at 25
qC
Frequency
2140 MHz
S21 - Gain
15 dB
S11
- 8 dB
S22
- 13 dB
Output P1dB
+ 29.4 dBm
Output IP3
+ 45.5 dBm
W-CDMA Ch. Power
@ -45 dBc ACLR
+ 20.5 dBm
Noise Figure
4.8 dB
Supply Voltage
+11 V
Supply Current
330 mA
Notes:
1.
The amplifier should be connected directly to a +11 V regulator; no dropping resistor is required.
2.
If no DC signal is present at the input (pin 1), C1 can be removed. The gate (input pin) is internally grounded in the amplifier.
3. Component sizes are 0603 unless otherwise noted. RF choke L1 should be wirewound ceramic type to insure sufficient current carrying
capacity. Coilcraft’s 1008 CS series (part # 1008CS-220X_B) is recommended.
4. C7 is located between silk screen markers “ 5” and “6” on the WJ evaluation board.
S-Parameters
Vd = +11.0V, Temp = +25°C
6
8
10
12
14
16
2000
2100
2200
2300
Frequency (MHz)
-25
-20
-15
-10
-5
0
S21
S11
S22
Noise Figure
Vd = + 11V, Temp = 25°C
0
1
2
3
4
5
6
2000
2100
2200
2300
Frequency (MHz)
OIP3 vs. Pout
Vd = +11.0 V, Temp = +25°C
35
40
45
50
55
5
7
9
11
13
15
17
Pout (dBm)
ACLR vs. Channel Power
f = 2140MHz, 3GPP W-CDMA, Test Model 1, +32 DPCH, ±5 MHz offset
-60
-55
-50
-45
-40
15
16
17
18
19
20
21
22
Output Channel Power (dBm)
C AP
ID=C 2
C =56 pF
C AP
ID =C3
C =56 pF
CAP
ID=C7
C=1.0 pF
CAP
ID=C 4 (0805)
C=1000 pF
CAP
ID=C5 (1206)
C=1e5 pF
IND
ID=L1 (1008)
L=22 nH
TLIN
ID =TL1
Z0=50 Ohm
EL=28 Deg
F0=2140 MHz
C AP
ID =L2
C =2.2 pF
SUBCKT
ID=S1
NET ="AH202_F"
POR T
P=1
Z=50 Ohm
POR T
P=2
Z=50 Ohm
+ 1 1V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com