Electronic Components Datasheet Search
  English  ▼

X  

AD7762 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7762
Description  625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7762 Datasheet(HTML) 1 Page - Analog Devices

  AD7762 Datasheet HTML 1Page - Analog Devices AD7762 Datasheet HTML 2Page - Analog Devices AD7762 Datasheet HTML 3Page - Analog Devices AD7762 Datasheet HTML 4Page - Analog Devices AD7762 Datasheet HTML 5Page - Analog Devices AD7762 Datasheet HTML 6Page - Analog Devices AD7762 Datasheet HTML 7Page - Analog Devices AD7762 Datasheet HTML 8Page - Analog Devices AD7762 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
625 kSPS, 24-Bit, 109 dB
Σ−Δ ADC
With On-Chip Buffer
AD7762
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
120 dB dynamic range at 78 kHz output data rate
109 dB dynamic range at 625 kHz output data rate
112 dB SNR at 78 kHz output data rate
106 dB SNR at 625 kHz output data rate
625 kHz maximum fully filtered output word rate
Programmable over-sampling rate (32× to 256×)
Fully differential modulator input
On-chip differential amplifier for signal buffering
Low-pass finite impulse response (FIR) filter with default or
user-programmable coefficients
Overrange alert bit
Digital offset and gain correction registers
Filter bypass modes
Low power and power-down modes
Synchronization of multiple devices via SYNC pin
APPLICATIONS
Data acquisition systems
Vibration analysis
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
AD7762
VIN+
VIN–
AVDD1
AGND
MCLK
DGND
VDRIVE
AVDD2
AVDD3
AVDD4
DVDD
DECAPA/B
RBIAS
SYNC
RESET
DB0 TO DB15
CS
DRDY
RD/WR
CONTROL LOGIC
I/O
OFFSET AND GAIN
REGISTERS
DIFF
MULTIBIT
Σ-Δ
MODULATOR
RECONSTRUCTION
VREF+
FIR FILTER
ENGINE
PROGRAMMABLE
DECIMATION
BUF
Figure 1.
GENERAL DESCRIPTION
The AD7762 is a high performance, 24-bit Σ-Δ analog-to-
digital converter (ADC). It combines wide input bandwidth
and high speed with the benefits of Σ-Δ conversion with a
performance of 106 dB SNR at 625 kSPS, making it ideal for
high speed data acquisition. Wide dynamic range combined
with significantly reduced antialiasing requirements simplify
the design process. An integrated buffer to drive the reference,
a differential amplifier for signal buffering and level shifting, an
overrange flag, internal gain and offset registers, and a low-pass
digital FIR filter make the AD7762 a compact, highly integrated
data acquisition device requiring minimal peripheral com-
ponent selection. In addition, the device offers programmable
decimation rates, and the digital FIR filter can be adjusted if
the default characteristics are not appropriate to the application.
The AD7762 is ideal for applications demanding high SNR
without a complex front end signal processing design.
The differential input is sampled at up to 40 MSPS by an analog
modulator. The modulator output is processed by a series of low-
pass filters, the final filter having default or user-programmable
coefficients. The sample rate, filter corner frequencies, and output
word rate are set by a combination of the external clock frequency
and the configuration registers of the AD7762.
The reference voltage supplied to the AD7762 determines the
analog input range. With a 4 V reference, the analog input range
is ±3.2 V differential biased around a common mode of 2 V.
This common-mode biasing can be achieved using the on-chip
differential amplifier, further reducing the external signal
conditioning requirements.
The AD7762 is available in an exposed paddle, 64-lead TQFP
and is specified over the industrial temperature range from
−40°C to +85°C.
Table 1. Related Devices
Part No.
Description
AD7760
24-bit, 2.5 MSPS, 100 dB Σ-Δ, parallel interface
AD7763
24-bit, 625 kSPS, 109 dB Σ-Δ, serial interface


Similar Part No. - AD7762

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7762 AD-AD7762 Datasheet
2Mb / 24P
24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
8/07-Revision 0
AD7762 AD-AD7762 Datasheet
619Kb / 29P
Sigma-Delta ADC With On-Chip Buffer
23-Feb-2017
AD7762 AD-AD7762 Datasheet
2Mb / 23P
AD7760/AD7762 Evaluation Board using EVAL-CED1Z
Rev. PrB
AD7762/ AD-AD7762/ Datasheet
4Mb / 23P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
Rev. D
AD7762BSVZ AD-AD7762BSVZ Datasheet
619Kb / 29P
Sigma-Delta ADC With On-Chip Buffer
23-Feb-2017
More results

Similar Description - AD7762

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7763 AD-AD7763 Datasheet
688Kb / 32P
24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD7764 AD-AD7764_07 Datasheet
1Mb / 32P
24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
6/07-Revision 0
AD7765 AD-AD7765_07 Datasheet
1Mb / 32P
24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
6/07-Revision 0
AD7760 AD-AD7760_15 Datasheet
958Kb / 37P
2.5 MSPS, 24-Bit, 100 dB Sigma-Delta ADC with On-Chip Buffer
REV. A
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
AD7763 AD-AD7763_15 Datasheet
822Kb / 33P
24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
REV. B
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7766 AD-AD7766_15 Datasheet
1Mb / 25P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7767 AD-AD7767_15 Datasheet
2Mb / 25P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
29-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com