Electronic Components Datasheet Search
  English  ▼

X  

AD7762 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7762
Description  625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7762 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7762 Datasheet HTML 9Page - Analog Devices AD7762 Datasheet HTML 10Page - Analog Devices AD7762 Datasheet HTML 11Page - Analog Devices AD7762 Datasheet HTML 12Page - Analog Devices AD7762 Datasheet HTML 13Page - Analog Devices AD7762 Datasheet HTML 14Page - Analog Devices AD7762 Datasheet HTML 15Page - Analog Devices AD7762 Datasheet HTML 16Page - Analog Devices AD7762 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD7762
Rev. 0 | Page 13 of 28
THEORY OF OPERATION
The AD7762 employs a Σ-Δ conversion technique to convert
the analog input into an equivalent digital word. The modulator
samples the input waveform and outputs an equivalent digital
word to the digital filter at a rate equal to ICLK.
rate to be chosen from 4× to 32×. The third filter has a fixed
decimation rate of 2×, is user programmable, and has a default
configuration. It is described in detail in the Programmable FIR
Filter section. This filter can be bypassed.
Due to the high oversampling rate, that spreads the
quantization noise from 0 to f
ICLK, the noise energy contained in
the band of interest is reduced (
Table 6 lists some characteristics of the default filter. The group
delay of the filter is defined to be the delay to the center of the
impulse response and is equal to the computation + filter delays.
The delay until valid data is available (the DVALID status bit is
set) is equal to 2× the filter delay + the computation delay.
Figure 22 a). To further reduce
the quantization noise, a high order modulator is employed to
shape the noise spectrum; so that most of the noise energy is
shifted out of the band of interest (Figure 22 b).
QUANTIZATION NOISE
fICLK\2
BAND OF INTEREST
a.
fICLK\2
NOISE SHAPING
BAND OF INTEREST
b.
fICLK\2
BAND OF INTEREST
DIGITAL FILTER CUTOFF FREQUENCY
c.
The digital filtering that follows the modulator removes the
large out-of-band quantization noise (Figure 22 c) while also
reducing the data rate from f
ICLK at the input of the filter to
f
ICLK/8 or less at the output of the filter, depending on the
decimation rate used.
Digital filtering has certain advantages over analog filtering. It
does not introduce significant noise or distortion and can be
made perfectly linear phase.
The AD7762 employs three FIR filters in series. By using
different combinations of decimation ratios and filter selection
and bypassing, data can be obtained from the AD7762 at a large
range of data rates. The first filter receives data from the
modulator at ICLK MHz where it is decimated by four to
output data at ICLK/4 MHz. This partially filtered data can also
be output at this stage. The second filter allows the decimation
Figure 22. Σ-Δ ADC
Table 6. Configuration with Default Filter
ICLK
Frequency
Computation
Delay
Filter 1
Filter 2
Filter 3
Data State
Filter Delay
Pass-Band
Bandwidth
Output Data
Rate (ODR)
20 MHz
4×
4×
2×
Fully filtered
1.775 μs
44.4 μs
250 kHz
625 kHz
20 MHz
4×
8×
Bypassed
Partially filtered
2.6 μs
10.8 μs
140.625 kHz
625 kHz
20 MHz
4×
8×
2×
Fully filtered
2.25 μs
87.6 μs
125 kHz
312.5 kHz
20 MHz
4×
16×
Bypassed
Partially filtered
4.175 μs
20.4 μs
70.3125 kHz
312.5 kHz
20 MHz
4×
16×
2×
Fully filtered
3.1 μs
174 μs
62.5 kHz
156.25 kHz
20 MHz
4×
32×
Bypassed
Partially filtered
7.325 μs
39.6 μs
35.156 kHz
156.25 kHz
20 MHz
4×
32×
2×
Fully filtered
4.65 μs
346.8 μs
31.25 kHz
78.125 kHz
12.288 MHz
4×
8×
2×
Fully filtered
3.66 μs
142.6 μs
76.8 kHz
192 kHz
12.288 MHz
4×
16×
2×
Fully filtered
5.05 μs
283.2 μs
38.4 kHz
96 kHz
12.288 MHz
4×
32×
Bypassed
Partially filtered
11.92 μs
64.45 μs
21.6 kHz
96 kHz
12.288 MHz
4×
32×
2×
Fully filtered
7.57 μs
564.5 μs
19.2 kHz
48 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com