Electronic Components Datasheet Search
  English  ▼

X  

AND8009 Datasheet(PDF) 13 Page - ON Semiconductor

Part # AND8009
Description  ECLinPS Plus SPICE Modeling Kit
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8009 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AND8009 Datasheet HTML 9Page - ON Semiconductor AND8009 Datasheet HTML 10Page - ON Semiconductor AND8009 Datasheet HTML 11Page - ON Semiconductor AND8009 Datasheet HTML 12Page - ON Semiconductor AND8009 Datasheet HTML 13Page - ON Semiconductor AND8009 Datasheet HTML 14Page - ON Semiconductor AND8009 Datasheet HTML 15Page - ON Semiconductor AND8009 Datasheet HTML 16Page - ON Semiconductor AND8009 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
AND8009/D
http://onsemi.com
13
Figure 10. OBUF07
R1
245
R2
245
R4
50
R5
50
R3
55
Q3
TNC
Q4
TNC
Q1
VCC
+
−
+
−
VEE
TNB
Q5
TNB
Q2
TNB
−2.22 Vdc
VCS
1
2
+
−
+
−
8
−2 Vdc
VTT
−3.3 Vdc
0
0
0
0
7
0 Vdc
INB
V1 = −1.5
V2 = −0.95
TD = 1 n
TR = 0.195 n
TF = 0.195 n
PW = 0.555 n
PER = 1.5 n
+
−
0
13
3
6
9
5
10
11
4
Termination
TNA
TNA
283
W
TC Network
for 100EP
IN
INB
Q
QB
0
IN
+
−
V1 = −0.95
V2 = −1.5
TD = 1 n
TR = 0.195 n
TF = 0.195 n
PW = 0.555 n
PER = 1.5 n
.SUBCKT OBUF07
Q_Q1
2 6 3 TNB
Q_Q2
11 10 3 TNB
Q_Q3
1 2 8 TNC
Q_Q4
1 11 7 TNC
Q_Q5
3 9 13 TNB
R_R1
2 1
245
R_R2
11 1
245
R_R3
5 13
55
R_R4
4 8
50
R_R5
4 7
50
V_IN
6 0
+PULSE −0.95 −1.5 1n 0.195n 0.195n 0.555n 1.5n
V_INB
10 0
+PULSE −1.5 −0.95 1n 0.195n 0.195n 0.555n 1.5n
V_VEE
5 0 −3.3Vdc
V_VCC
1 0 0Vdc
V_VTT
4 0 −2Vdc
V_VCS
9 0 −2.22Vdc
.END OBUF07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com