Electronic Components Datasheet Search
  English  ▼

X  

AND8009 Datasheet(PDF) 3 Page - ON Semiconductor

Part # AND8009
Description  ECLinPS Plus SPICE Modeling Kit
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8009 Datasheet(HTML) 3 Page - ON Semiconductor

  AND8009 Datasheet HTML 1Page - ON Semiconductor AND8009 Datasheet HTML 2Page - ON Semiconductor AND8009 Datasheet HTML 3Page - ON Semiconductor AND8009 Datasheet HTML 4Page - ON Semiconductor AND8009 Datasheet HTML 5Page - ON Semiconductor AND8009 Datasheet HTML 6Page - ON Semiconductor AND8009 Datasheet HTML 7Page - ON Semiconductor AND8009 Datasheet HTML 8Page - ON Semiconductor AND8009 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
AND8009/D
http://onsemi.com
3
SPICE Netlists
The netlists are organized as a group of subcircuits. In
each subcircuit model netlist, the model name is followed by
a list of external node interconnects.
Temperature Compensation Network for 100EP
The output netlists include temperature compensation
network circuitry for 100EP style output buffers. The circuit
components of the temperature compensation networks are
shown in Figure 18. For simulating 10EP style outputs these
components should either be deleted or commented out of
the subcircuit netlists. Subcircuit models such as the Input
or Output Buffer, Package, Input ESD and Output ESD
should connect to supplies through hierarchical, passed
parameters such as VCC, VEE, etc., for proper simulation and
not separately attached to independent power supplies.
SPICE Parameter Information
In addition to the schematics and netlists is a listing of the
SPICE parameters for the transistors referenced in the
schematics and netlists. These parameters represent a typical
device of a given transistor. Varying the typical parameters
will affect the DC and AC performance of the structures; but
for the type of modeling intended by this note, the actual delay
times are not necessary and are not modeled, as a result
variation of the device parameters are meaningless. The
performance levels are more easily varied by other methods
and will be discussed in the next section. The resistors
referenced in the schematics are polysilicon and have no
parasitic capacitance in the real circuit and none is required
in the model. The schematics display the only devices needed
in the SPICE netlists.
Modeling Information
The bias drivers for the devices are not detailed since their
circuitry would result in a substantial increase of model
complexity and simulation time. Instead, these internal
reference voltages (VBB, VCS, VHSTL, etc.) should be driven
with ideal constant voltage sources.
The schematics and SPICE parameters will provide a
typical output waveshape, which can be seen in Figures 18,
19, and 20. Simple adjustments can be made to the models
allowing output characteristics to simulate conditions at or
near the corners of the data book specifications. Consistent
cross−point voltages need to be maintained.
• To adjust rise and fall times:
Produce the desired rise and fall times output slew rates
by adjusting collector load resistors to change the gates
tail current. The VCS voltage will affect the tail current
in the output differential, which will interact with the
load resistor and collector resistor to determine tr and tf
at the output.
• To adjust the V
OH:
Adjust the VOH and VOL level by the same amount by
varying VCC. The output levels will follow changes in
VCC at a 1:1 ratio.
• To adjust the V
OL only:
Adjust the VOL level independently of the VOH level by
increasing or decreasing the collector load resistance.
Note that the VOH level will also change slightly due to
a IBASER drop across the collector load resistor. VOL can
be changed by varying the VCS supply, and therefore the
gate current through the current source resistor.
Summary
The information included in this kit provides adequate
information to run a SPICE level system interconnect
simulation. Device input or output models are presented in
Table 4. For EP and LVEP series devices not listed in Table 4,
consult www.onsemi.com (Tech Support).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com