Electronic Components Datasheet Search
  English  ▼

X  

7136 Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # 7136
Description  LDO high voltage regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

7136 Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  7136 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
■ Principle block diagram
■ Limit parameter
project
Symbol
parameter
Limit value
Company
Voltage
VIN
Maximum input
voltage
30
V
power waste
PD
power waste
400
mW
temperature
Tw
working temperature
-25~70
℃
Tc
Storage temperature
-50~125
℃
Th
welding temperature
260
℃,10s
Typical
value
Max
Company
Output voltage
VIN=5V,IOUT=10mA
2.91
3
3.09
V
■ Electrical properties
7130
( T
OPT=
25℃)
Symbol
parameter
Test conditions
Min
VOUT
I
OUT
Output current
V
IN=
5V
60
100
mA
△V
OUT
Load regulation
VIN=5V,1mA
≤I
OUT
≤20mA
-
100
150
mV
VDI F
Voltage sag
IOUT=1mA
-
100
-
mV
I SS
Quiescent current
Vin = 5V, no load
-
2
3
µA
ΔV
OUT
/(ΔV
IN
* V
OUT
)
Line Regulation
4V
≤V
IN
≤30V,I
OUT=
1mA
-
0.2
-
%/V
V
IN
input voltage
-
-
-
30
V
ΔV
OUT
/ΔTa
temperature
coefficient
V
IN
=5V,I
OUT
=10mA 0℃
≤Ta≤70℃
-
±0.45
-
mV/ ℃
LDO high voltage regulator
UMW
R
UMW 71XX
Vref
Vin
GND
www.umw-ic.com
2
友台半导 体有限公司



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com