Electronic Components Datasheet Search
  English  ▼

X  

7136 Datasheet(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # 7136
Description  LDO high voltage regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

7136 Datasheet(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  7136 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
7150
(TOPT=25℃)
VIN=7V,IOUT=10mA
4.85
5
5.15
V
VIN=7V
60
100
-
mA
VIN=7V,1mA
≤I
OUT
≤30mA
-
100
mV
IOUT=1mA
-
100
-
mV
Vin = 7V, no load
-
2
3
µA
6V
≤V
IN
≤30V,I
OUT=
1mA
-
0.2
-
%/V
-
-
-
30
V
VIN=7V,IOUT=10mA,
0℃
≤Ta≤70℃
-
+0.75
-
mV/℃
■ Application circuit
1. Basic circuit
2. High output current regulator
Symbol
Parameter
Test conditions
Min
Max
Company
Typical
value
VOUT
Output voltage
I
OUT
Output current
△V
OUT
Load regulation
VDIF
Voltage sag
ISS
Quiescent current
ΔV
OUT
/(
ΔV
IN
*V
OUT
)
Line Regulation
VIN
Input voltage
ΔV
OUT
/
ΔTa
Temperature
coefficient
VOUT
I
OUT
△V
OUT
VDIF
ISS
ΔV
OUT
/(
ΔV
IN
*V
OUT
)
VIN
OUT
/
VOUT
I
OUT
△V
OUT
VDIF
ISS
ΔV
OUT
/(
ΔV
IN
*V
OUT
)
VIN
OUT
1
3
2
71XX
GND VIN Vout
C2
10uF
C1
10uF
Vin
Vout
71XX
LDO high voltage regulator
UMW
R
UMW 71XX
www.umw-ic.com
4
友台半导 体有限公司



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com