Electronic Components Datasheet Search
  English  ▼

X  

7136 Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # 7136
Description  LDO high voltage regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

7136 Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  7136 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. 7136 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LDO high voltage regulator
■ Product introduction
The 71XX series is a low-power high-voltage regulator manufactured by CMOS process. The maximum
input voltage is 30V and the output voltage range is 1.5v-12.0v.It has the characteristics of high precision output
voltage, very low power supply current and very low drop voltage.
■ Product features
●
Low power consumption:
≤ 3μA
●
Low drop voltage: typical value 0.1V
●
Low temperature bleaching: typical 50 ppm / ℃
●
High input voltage: up to 30V
●
High precision output voltage: tolerance of + 3%
●
Package form: TO-92, sot89-3, sot-23-3
■ Product use
●
Battery power supply equipment
●
Various communication equipment
●
Audio / video equipment
●
Security monitoring equipment
■ Package form and pin function definition
■ Model selection
name
model
Maximum input
voltage (V)
Output
voltage (V)
tolerance
Packaging form
71XX
7130
30
3.0
+3%
TO 92
SOT89-3
SOT-23-3
7133
30
3.3
7136
30
3.6
7144
30
4.4
7150
30
5.0
UMW
R
UMW 71XX
SOT-23-3
Pin number
Pin
define
Functional
specifications
TO- 92 SOT89- 3 SOT23 - 3
1
1
1
GND Chip ground terminal
2
2
3
VIN
Start input
3
3
2
VOUT
Chip output terminal
+3%
+3%
+3%
+3%
www.umw-ic.com
1
友台半导 体有限公司


Similar Part No. - 7136

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
7136 HOLTEK-7136 Datasheet
86Kb / 6P
30mA Low Power LDO
logo
Guangdong Youtai Semico...
7136-1 UMW-7136-1 Datasheet
2Mb / 9P
LDO high voltage regulator
logo
Holtek Semiconductor In...
7136-1 HOLTEK-7136-1 Datasheet
86Kb / 6P
30mA Low Power LDO
logo
Aavid, Thermal Division...
7136DG AAVID-7136DG Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
7136DG AAVID-7136DG Datasheet
8Mb / 116P
How to Use This Catalog
More results

Similar Description - 7136

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GM6206 GSME-GM6206 Datasheet
309Kb / 3P
LDO Voltage Regulator
logo
Texas Instruments
TPS7A87 TI1-TPS7A87 Datasheet
140Kb / 7P
LDO Voltage Regulator
TPS7A89 TI1-TPS7A89 Datasheet
140Kb / 7P
LDO Voltage Regulator
TPS7A85 TI1-TPS7A85 Datasheet
2Mb / 48P
LDO Voltage Regulator
TPS7A84 TI1-TPS7A84 Datasheet
2Mb / 44P
LDO Voltage Regulator
logo
ON Semiconductor
NCV8703 ONSEMI-NCV8703_13 Datasheet
1Mb / 17P
LDO Voltage Regulator
June, 2013 ??Rev. 1
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
LDO Voltage Regulator
December, 2017 ??Rev. 8
logo
Guangdong Youtai Semico...
HT75 UMW-HT75 Datasheet
1Mb / 10P
LDO high voltage regulator
71XX UMW-71XX Datasheet
2Mb / 9P
LDO high voltage regulator
75XX UMW-75XX Datasheet
3Mb / 9P
LDO high voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com