Electronic Components Datasheet Search
  English  ▼

X  

BGD712 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BGD712
Description  CATV amplifier module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGD712 Datasheet(HTML) 5 Page - NXP Semiconductors

  BGD712 Datasheet HTML 1Page - NXP Semiconductors BGD712 Datasheet HTML 2Page - NXP Semiconductors BGD712 Datasheet HTML 3Page - NXP Semiconductors BGD712 Datasheet HTML 4Page - NXP Semiconductors BGD712 Datasheet HTML 5Page - NXP Semiconductors BGD712 Datasheet HTML 6Page - NXP Semiconductors BGD712 Datasheet HTML 7Page - NXP Semiconductors BGD712 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2000 Jan 13
5
Philips Semiconductors
Product specification
CATV amplifier module
BGD712
handbook, halfpage
200
0
400
800
600
MCD842
f (MHz)
CTB
(dB)
−50
−60
−80
−90
−70
56
52
44
40
48
(1)
(2)
(3)
(4)
Vo
(dBmV)
Fig.2
Composite triple beat as a function of
frequency under tilted conditions.
(1) Vo.
(2) Typ. +3
σ.
ZS =ZL =75 Ω; VB = 24 V; 79 channels;
tilt = 7.3 dB (50 to 550 MHz).
(3) Typ.
(4) Typ.
−3 σ.
handbook, halfpage
200
0
400
800
600
MCD843
f (MHz)
Xmod
(dB)
−50
−60
−80
−90
−70
56
52
44
40
48
(1)
(2)
(3)
(4)
Vo
(dBmV)
Fig.3
Cross modulation as a function of
frequency under tilted conditions.
(1) Vo.
(2) Typ. +3
σ.
ZS =ZL =75 Ω; VB = 24 V; 79 channels;
tilt = 7.3 dB (50 to 550 MHz).
(3) Typ.
(4) Typ.
−3 σ.
handbook, halfpage
200
0
400
800
600
MCD844
f (MHz)
CSO
(dB)
−50
−60
−80
−90
−70
56
52
44
40
48
(1)
(2)
(3)
(4)
Vo
(dBmV)
Fig.4
Composite second order distortion as a
function of frequency under tilted conditions.
(1) Vo.
(2) Typ. +3
σ.
ZS =ZL =75 Ω; VB = 24 V; 79 channels;
tilt = 7.3 dB (50 to 550 MHz).
(3) Typ.
(4) Typ.
−3 σ.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com