Electronic Components Datasheet Search
  English  ▼

X  

BGD712 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGD712
Description  CATV amplifier module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGD712 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGD712 Datasheet HTML 1Page - NXP Semiconductors BGD712 Datasheet HTML 2Page - NXP Semiconductors BGD712 Datasheet HTML 3Page - NXP Semiconductors BGD712 Datasheet HTML 4Page - NXP Semiconductors BGD712 Datasheet HTML 5Page - NXP Semiconductors BGD712 Datasheet HTML 6Page - NXP Semiconductors BGD712 Datasheet HTML 7Page - NXP Semiconductors BGD712 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2000 Jan 13
4
Philips Semiconductors
Product specification
CATV amplifier module
BGD712
Notes
1. Slope straight line is defined as gain at 750 MHz
− gain at 45 MHz.
2. Tilt = 7.3 dB (55 to 547 MHz).
3. fp = 55.25 MHz; Vp = 44 dBmV;
fq = 691.25 MHz; Vq = 44 dBmV;
measured at fp +fq = 746.5 MHz.
4. Measured according to DIN45004B:
fp = 740.25 MHz; Vp =Vo;
fq = 747.25 MHz; Vq =Vo −6 dB;
fr = 749.25 MHz; Vr =Vo −6 dB;
measured at fp +fq − fr = 738.25 MHz.
5. The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V.
CSO
composite second
order distortion
112 channels flat; Vo = 44 dBmV;
fm = 746.5 MHz
−−−63
dB
79 channels flat; Vo = 44 dBmV;
fm = 548.5 MHz
−−−68
dB
79 channels; fm = 746.5 MHz;
Vo = 49.3 dBmV at 547 MHz; note 2
−−−62
dB
d2
second order distortion
note 3
−−−74
dB
Vo
output voltage
dim = −60 dB; note 4
64
−−
dBmV
NF
noise figure
f = 50 MHz
−−
5.5
dB
f = 550 MHz
−−
5.5
dB
f = 750 MHz
−−
7dB
Itot
total current
consumption (DC)
note 5
380
395
410
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com