Electronic Components Datasheet Search
  English  ▼

X  

BGD712 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGD712
Description  CATV amplifier module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGD712 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGD712 Datasheet HTML 1Page - NXP Semiconductors BGD712 Datasheet HTML 2Page - NXP Semiconductors BGD712 Datasheet HTML 3Page - NXP Semiconductors BGD712 Datasheet HTML 4Page - NXP Semiconductors BGD712 Datasheet HTML 5Page - NXP Semiconductors BGD712 Datasheet HTML 6Page - NXP Semiconductors BGD712 Datasheet HTML 7Page - NXP Semiconductors BGD712 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2000 Jan 13
3
Philips Semiconductors
Product specification
CATV amplifier module
BGD712
CHARACTERISTICS
Bandwidth 40 to 750 MHz; VB = 24 V; Tmb =35 °C; ZS =ZL =75 Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Gp
power gain
f = 45 MHz
18.2
18.5
18.8
dB
f = 750 MHz
19
19.5
20
dB
SL
slope straight line
f = 45 to 750 MHz; note 1
0.5
1
1.5
dB
FL
flatness straight line
f = 45 to 100 MHz
−−±0.35 dB
f = 100 to 700 MHz
−−±0.5
dB
f = 700 to 750 MHz
−−±0.15 dB
S11
input return losses
f = 45 to 80 MHz
23
−−
dB
f = 80 to 160 MHz
23
−−
dB
f = 160 to 320 MHz
21
−−
dB
f = 320 to 550 MHz
20
−−
dB
f = 550 to 650 MHz
20
−−
dB
f = 650 to 750 MHz
19
−−
dB
f = 750 to 790 MHz
17
−−
dB
S22
output return losses
f = 45 to 80 MHz
23
−−
dB
f = 80 to 160 MHz
23
−−
dB
f = 160 to 320 MHz
20
−−
dB
f = 320 to 550 MHz
20
−−
dB
f = 550 to 650 MHz
19
−−
dB
f = 650 to 750 MHz
19
−−
dB
f = 750 to 790 MHz
17
−−
dB
S21
phase response
f = 50 MHz
−45
−
+45
deg
CTB
composite triple beat
112 channels flat; Vo = 44 dBmV;
fm = 745.25 MHz
−−−62
dB
79 channels flat; Vo = 44 dBmV;
fm = 547.25 MHz
−−−68
dB
79 channels; fm = 445.25 MHz;
Vo = 49.3 dBmV at 547 MHz; note 2
−−−63
dB
Xmod
cross modulation
112 channels flat; Vo = 44 dBmV;
fm = 55.25 MHz
−−−63
dB
79 channels flat; Vo = 44 dBmV;
fm = 55.25 MHz
−−−69
dB
79 channels; fm = 745.25 MHz;
Vo = 49.3 dBmV at 547 MHz; note 2
−−−60
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com