Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD2 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD2
Description  SINGLE M-LVDS RECEIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65MLVD2 Datasheet HTML 7Page - Texas Instruments SN65MLVD2 Datasheet HTML 8Page - Texas Instruments SN65MLVD2 Datasheet HTML 9Page - Texas Instruments SN65MLVD2 Datasheet HTML 10Page - Texas Instruments SN65MLVD2 Datasheet HTML 11Page - Texas Instruments SN65MLVD2 Datasheet HTML 12Page - Texas Instruments SN65MLVD2 Datasheet HTML 13Page - Texas Instruments SN65MLVD2 Datasheet HTML 14Page - Texas Instruments SN65MLVD2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
2
4
6
8
10
12
25
50
75
100
125
f-Frequency-MHz
MLVD3(Type2)
MLVD2(Type1)
V
=3.3V,
T =25 C,
V
=400mV,
V
=1V
CC
A
ID
IC
º
2
2.5
3
3.5
4
4.5
5
5.5
6
-40
-8.75
22.5
53.75
85
T -Free-AirTemperature- C
A
º
tPHL
tPLH
V
=3.3V,
f=1MHz,
C =15pF
CC
L
2
2.5
3
3.5
4
4.5
5
5.5
6
-40
-8.75
22.5
53.75
85
T -Free-AirTemperature- C
A
º
V
=3.3V,
f=1MHz,
C =15pF
CC
L
tPHL
tPLH
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
-40
-8.75
22.5
53.75
85
tr
tf
T -Free-AirTemperature- C
A
º
V
=3.3V,
f=1MHz,
C =15pF
CC
L
SN65MLVD2
SN65MLVD3
SLLS767 – NOVEMBER 2006
SUPPLY CURRENT
RECEIVER (TYPE-1) PROPAGATION DELAY TIME
vs
vs
FREQUENCY
FREE-AIR TEMPERATURE
Figure 5.
Figure 6.
RECEIVER (TYPE-2) PROPAGATION DELAY TIME
RECEIVER (TYPE-1) TRANSITION TIME
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 7.
Figure 8.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com