Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD2 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD2
Description  SINGLE M-LVDS RECEIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD2 Datasheet(HTML) 2 Page - Texas Instruments

  SN65MLVD2 Datasheet HTML 1Page - Texas Instruments SN65MLVD2 Datasheet HTML 2Page - Texas Instruments SN65MLVD2 Datasheet HTML 3Page - Texas Instruments SN65MLVD2 Datasheet HTML 4Page - Texas Instruments SN65MLVD2 Datasheet HTML 5Page - Texas Instruments SN65MLVD2 Datasheet HTML 6Page - Texas Instruments SN65MLVD2 Datasheet HTML 7Page - Texas Instruments SN65MLVD2 Datasheet HTML 8Page - Texas Instruments SN65MLVD2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
M-LVDS
Receivers
M-LVDS
Receivers
M-LVDS
Receivers
M-LVDS
Receivers
M-LVDS
Receivers
M-LVDS
Receivers
M-LVDS
Transceiver
M-LVDS
Transceiver
M-LVDS
Transceiver
(SystemClock-Secondary)
8KHz
19.44MHz
Userdefinedfrequency
<100MHz
80 RT
80 RT
80 RT
80 RT
80 R
T
80 R
T
80 R
T
80 R
T
80 RT
80 RT
80 R
T
80 R
T
CLK1A (8KHz)
CLK1B(8KHz)
CLK2A (19.44MHz)
CLK2B(19.44MHz)
CLK3A (userdefinedfrequency)
CLK3B(userdefinedfrequency)
CLK1A
8KHz
CLK1B
8KHz
CLK3A
CLK3B
Userdefinedfrequency
LineCard1-N
AdvancedTCA Backplane-SynchronizedSystemClock
M-LVDS
Transceiver
M-LVDS
Transceiver
M-LVDS
Transceiver
(SystemClock-Primary)
8KHz
19.44MHz
Userdefinedfrequency
<100MHz
CLK2A
19.44MHz
CLK2B
19.44MHz
SN65MLVD2
SN65MLVD3
SLLS767 – NOVEMBER 2006
TYPICAL APPLICATION
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com