Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD2 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD2
Description  SINGLE M-LVDS RECEIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD2 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN65MLVD2 Datasheet HTML 8Page - Texas Instruments SN65MLVD2 Datasheet HTML 9Page - Texas Instruments SN65MLVD2 Datasheet HTML 10Page - Texas Instruments SN65MLVD2 Datasheet HTML 11Page - Texas Instruments SN65MLVD2 Datasheet HTML 12Page - Texas Instruments SN65MLVD2 Datasheet HTML 13Page - Texas Instruments SN65MLVD2 Datasheet HTML 14Page - Texas Instruments SN65MLVD2 Datasheet HTML 15Page - Texas Instruments SN65MLVD2 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
www.ti.com
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
-40
-8.75
22.5
53.75
85
tr
tf
T -Free-AirTemperature- C
A
º
V
=3.3V,
f=1MHz,
C =15pF
CC
L
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
5
7.5
11
13
15
C -OutputLoadCapacitor-pF
L
tr
tf
V
=3.3V,
f=1MHz,
C =15pF
CC
L
100
150
200
250
300
350
400
450
500
50
100
150
200
250
SignalingRate-Mbps
MLVD2(Type1)
MLVD3(Type2)
V
=3.3V,T =25 C,
2 -1PRBSNRZ,
SeeFigure4
CC
A
15
º
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
5
7.5
11
13
15
C -OutputLoadCapacitor-pF
L
tr
tf
V
=3.3V,
f=1MHz,
C =15pF
CC
L
SN65MLVD2
SN65MLVD3
SLLS767 – NOVEMBER 2006
TYPICAL CHARACTERISTICS (continued)
RECEIVER (TYPE-2) TRANSITION TIME
RECEIVER (TYPE-1) TRANSITION TIME
vs
vs
FREE-AIR TEMPERATURE
OUTPUT LOAD CAPACITOR
Figure 9.
Figure 10.
RECEIVER (TYPE-2) TRANSITION TIME
ADDED RECEIVER PEAK-TO-PEAK JITTER
vs
vs
OUTPUT LOAD CAPACITOR
SIGNALING RATE
Figure 11.
Figure 12.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com