Electronic Components Datasheet Search
  English  ▼

X  

LXW Datasheet(PDF) 3 Page - RUBYCON CORPORATION

Part # LXW
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LXW Datasheet(HTML) 3 Page - RUBYCON CORPORATION

  LXW Datasheet HTML 1Page - RUBYCON CORPORATION LXW Datasheet HTML 2Page - RUBYCON CORPORATION LXW Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
外形寸法
Size
φD×L (mm)
120Hz
100kHz
定格電圧
Rated
(Vdc)
Voltage
静電容量
Capacitance
(μF)
定格リプル電流
Rated Ripple Current
外形寸法
Size
φD×L (mm)
120Hz
100kHz
定格電圧
Rated
(Vdc)
Voltage
静電容量
Capacitance
(μF)
定格リプル電流
Rated Ripple Current
LXW
リード線形アルミニウム電解コンデンサ
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
◆標準品一覧表/STANDARD SIZE
450
27
12.5×20
0.310
0.682
33
10×30
0.360
0.792
39
10×35
0.410
0.902
39
12.5×25
0.400
0.880
39
14.5×20
0.390
0.858
47
10×40
0.460
1.012
47
16×20
0.450
0.990
56
10×45
0.520
1.144
56
10×50
0.540
1.188
56
12.5×30
0.490
1.078
56
14.5×25
0.500
1.100
68
10×55
0.610
1.342
68
10×60
0.630
1.386
68
12.5×35
0.560
1.232
68
12.5×40
0.600
1.320
68
14.5×30
0.580
1.276
68
16×25
0.570
1.254
68
18×20
0.540
1.188
82
12.5×45
0.680
1.496
82
12.5×50
0.700
1.540
82
14.5×35
0.670
1.474
82
16×30
0.650
1.430
82
18×25
0.640
1.408
100
14.5×40
0.760
1.520
100
16×35
0.750
1.500
120
14.5×45
0.850
1.700
120
14.5×50
0.890
1.780
120
16×40
0.860
1.720
120
18×30
0.800
1.600
150
16×45
0.980
1.960
150
16×50
1.020
2.040
150
18×35
0.920
1.840
150
18×40
0.980
1.960
180
18×45
1.110
2.220
220
18×50
1.230
2.460
500
Rated Ripple Current(A r.m.s./105℃)
105
18
12.5×20
0.250
0.550
22
12.5×25
0.290
0.638
22
14.5×20
0.280
0.616
27
16×20
0.320
0.704
33
12.5×30
0.360
0.792
33
12.5×35
0.380
0.836
33
14.5×25
0.370
0.814
39
12.5×40
0.440
0.968
39
12.5×45
0.500
1.100
39
14.5×30
0.430
0.946
39
16×25
0.420
0.924
39
18×20
0.410
0.902
47
12.5×50
0.560
1.232
47
14.5×35
0.490
1.078
47
16×30
0.480
1.056
56
14.5×40
0.550
1.210
56
14.5×45
0.620
1.364
56
16×35
0.590
1.298
56
18×25
0.510
1.122
56
18×30
0.590
1.298
68
14.5×50
0.690
1.518
68
16×40
0.620
1.364
82
16×45
0.710
1.562
82
16×50
0.790
1.738
82
18×35
0.680
1.496
82
18×40
0.770
1.694
100
18×45
0.860
1.720
120
18×50
0.910
1.820



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com