Electronic Components Datasheet Search
  English  ▼

X  

LXW Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # LXW
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LXW Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  LXW Datasheet HTML 1Page - RUBYCON CORPORATION LXW Datasheet HTML 2Page - RUBYCON CORPORATION LXW Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
外形寸法
Size
φD×L (mm)
120Hz
100kHz
定格電圧
Rated
(Vdc)
Voltage
静電容量
Capacitance
(μF)
定格リプル電流
Rated Ripple Current
外形寸法
Size
φD×L (mm)
120Hz
100kHz
定格電圧
Rated
(Vdc)
Voltage
静電容量
Capacitance
(μF)
定格リプル電流
Rated Ripple Current
(mm)
φD
F
φd
14.5
0.8
16
7.5
LXW
リード線形アルミニウム電解コンデンサ
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
◆寸法図/DIMENSIONS
◆標準品一覧表/STANDARD SIZE
Rated Ripple Current(A r.m.s./105℃)
φD+0.5MAX
15MIN
4MIN
L+αMAX
SLEEVE(PET)
スリーブ
φd
18
12.5
0.6
5.0
10
α
2.0
400
39
10×30
0.410
0.902
39
12.5×20
0.390
0.858
47
10×35
0.480
1.056
47
12.5×25
0.460
1.012
47
14.5×20
0.460
1.012
56
10×40
0.540
1.188
56
16×20
0.520
1.144
68
10×45
0.610
1.342
68
10×50
0.640
1.408
68
12.5×30
0.580
1.276
68
12.5×35
0.620
1.364
68
14.5×25
0.590
1.298
82
10×55
0.720
1.584
82
10×60
0.740
1.628
82
12.5×40
0.700
1.540
82
14.5×30
0.680
1.496
82
16×25
0.660
1.452
82
18×20
0.630
1.386
100
12.5×45
0.800
1.600
100
12.5×50
0.830
1.660
100
14.5×35
0.780
1.560
100
16×30
0.770
1.540
120
14.5×40
0.890
1.780
120
14.5×45
0.920
1.840
120
16×35
0.880
1.760
120
18×25
0.790
1.580
150
14.5×50
1.060
2.120
150
16×40
1.010
2.020
150
18×30
0.930
1.860
180
16×45
1.140
2.280
180
16×50
1.180
2.360
180
18×35
1.060
2.120
180
18×40
1.140
2.280
220
18×45
1.290
2.580
220
18×50
1.340
2.680
420
33
12.5×20
0.340
0.748
39
10×30
0.380
0.836
47
10×35
0.440
0.968
47
12.5×25
0.430
0.946
47
14.5×20
0.420
0.924
56
10×40
0.490
1.078
56
10×45
0.520
1.144
56
12.5×30
0.500
1.100
56
14.5×25
0.500
1.100
56
16×20
0.480
1.056
68
10×50
0.590
1.298
68
10×55
0.610
1.342
68
12.5×35
0.570
1.254
68
18×20
0.550
1.210
82
10×60
0.680
1.496
82
12.5×40
0.650
1.430
82
14.5×30
0.630
1.386
82
16×25
0.610
1.342
100
12.5×45
0.730
1.460
100
12.5×50
0.770
1.540
100
14.5×35
0.720
1.440
100
14.5×40
0.760
1.520
100
16×30
0.720
1.440
100
18×25
0.700
1.400
120
14.5×45
0.860
1.720
120
14.5×50
0.890
1.780
120
16×35
0.820
1.640
120
18×30
0.810
1.620
150
16×40
0.930
1.860
150
16×45
0.980
1.960
150
18×35
0.940
1.880
180
16×50
1.100
2.200
180
18×40
1.060
2.120
220
18×45
1.200
2.400
220
18×50
1.250
2.500
104



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com