Electronic Components Datasheet Search
  English  ▼

X  

LXW Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # LXW
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LXW Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  LXW Datasheet HTML 1Page - RUBYCON CORPORATION LXW Datasheet HTML 2Page - RUBYCON CORPORATION LXW Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LXW
リード線形アルミニウム電解コンデンサ
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
LXW series
項目 Item
特性
Characteristics
カテゴリ温度範囲
Category Temperature Range
-40~+105℃
定格電圧範囲
Rated Voltage Range
400~500Vdc
静電容量許容差
Capacitance Tolerance
±20%(20℃, 120Hz)
漏れ電流
Leakage Current (MAX)
耐久性
Endurance
105℃中で右表の時間定格電圧(リプル重畳)印加後、下記項目を満足すること。
After applying rated voltage with rated ripple current for specified time at 105℃,
the capacitors shall meet the following requirements.
低温特性
Low Temperature Stability
(インピーダンス比)
Impedance Ratio (MAX)
定格電圧
シリーズ名
静電容量
静電容量許容差
副記号
リード加工記号
ケースサイズ
Rated Voltage
Series
Capacitance
Capacitance Tolerance
Option
Lead Forming
Case Size
D x L
M
LXW
105℃長寿命(10000~12000時間)超小形化品 -40℃対応
105℃ 10000~12000 hours, Ultra Miniaturized, -40℃~+105℃
RoHS
compliance
RoHS
compliance
損失角の正接(tanδ)
Dissipation Factor (MAX)
0.20
0.25
定格電圧 (Vdc)
Rated Voltage
tanδ
(20℃, 120Hz)
5
6
定格電圧 (Vdc)
Rated Voltage
(120Hz)
6
Z(-25℃)/Z(+20℃)
Z(-40℃)/Z(+20℃)
1k
10k
1.50
周波数 (Hz)
Frequency
係数
Coefficient
1.30
1.00
0.80
120
500
60(50)
2.00
EFR : PETスリーブ PET Sleeve 
I=漏れ電流(μA) C=静電容量(μF) V=定格電圧(Vdc)
Leakage Current Capacitance
Rated Voltage
400
500
◆規格表/SPECIFICATIONS
◆呼称方法/PART NUMBER
◆リプル電流補正係数/
MULTIPLIER FOR RIPPLE CURRENT
◆副記号/OPTION
10
6
10
I=3 CV (定格電圧印加5分後)
(After 5 minutes application of rated voltage)
I=3 CV
420~
静電容量変化率
Capacitance Change
初期値の ±20% 以内
Within ±20% of the initial value.
損失角の正接
Dissipation Factor
規格値の 200% 以下
Not more than 200% of the specified value.
漏れ電流
Leakage Current
規格値以下
Not more than the specified value.
400
420
450
8
12
500
ケースサイズ
Case Size
L≦20
時間(hrs)
Time(hrs)
10000
12000
L≧25
100k≦
2.20
1.50
1.30
1.00
0.80
1.90
2.00
18~82μF
100~220μF
103


Similar Part No. - LXW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXW8-PW35 ETC1-LXW8-PW35 Datasheet
2Mb / 33P
Leading efficacy and light output, maximum design flexibility
LXW8-PW40 ETC1-LXW8-PW40 Datasheet
2Mb / 33P
Leading efficacy and light output, maximum design flexibility
LXW8-PW50 ETC1-LXW8-PW50 Datasheet
2Mb / 33P
Leading efficacy and light output, maximum design flexibility
LXW9-PW27 ETC1-LXW9-PW27 Datasheet
2Mb / 33P
Leading efficacy and light output, maximum design flexibility
LXW9-PW30 ETC1-LXW9-PW30 Datasheet
2Mb / 33P
Leading efficacy and light output, maximum design flexibility
More results

Similar Description - LXW

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
25PX100MEFC5X11 RUBYCON-25PX100MEFC5X11 Datasheet
172Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXJ100M5X11 RUBYCON-25YXJ100M5X11 Datasheet
174Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ML10MEFC4X7 RUBYCON-35ML10MEFC4X7 Datasheet
181Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35PX1000MEFC10X20 RUBYCON-35PX1000MEFC10X20 Datasheet
172Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH680MEFC10X23 RUBYCON-35ZLH680MEFC10X23 Datasheet
182Kb / 3P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
50YXF10MEFC5X11 RUBYCON-50YXF10MEFC5X11 Datasheet
171Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
50YXJ22MTA5X11 RUBYCON-50YXJ22MTA5X11 Datasheet
174Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400LLE3R3MEFC8X11.5 RUBYCON-400LLE3R3MEFC8X11.5 Datasheet
175Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
450BXW180MEFC18X50 RUBYCON-450BXW180MEFC18X50 Datasheet
209Kb / 4P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
6.3ZLQ4700MEFC10X25 RUBYCON-6.3ZLQ4700MEFC10X25 Datasheet
170Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com