Electronic Components Datasheet Search
  English  ▼

X  

BL3501 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL3501
Description  BL3501
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL3501 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL3501 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Shanghai Belling-Systron Microelectronics Co., Ltd.
BL3501
BENCH TEST
QC
BL3501
MCU
BL3501
VCD
BL3501
LCD LED
BL2220
CPU
8
ROM
2K byte
RAM
64 byte
455KHz
32.768Hz
RTC
I/O
2
8
38KHz
64
RTC
8
2.5
5.0V
-20
80
< 10uA @ VDD = 3V


Similar Part No. - BL3501

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL3502S BELLING-BL3502S Datasheet
105Kb / 5P
BL3502S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com