Electronic Components Datasheet Search
  English  ▼

X  

BL3501 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL3501
Description  BL3501
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL3501 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL3501 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Shanghai Belling-Systron Microelectronics Co., Ltd.
< 1mA @ VDD = 3V
Belling 1.2um
CMOS
SOP-24
USER MASK ROM - 2K BYTES
SRAM - 64 BYTES
ACCUMULATOR
INDEX REGISTER
70
12
0
STACK POINTER
15
0
PROGRAM COUNTER
70
CONDITION CODE REGISTER
70
RESET
RST
OSC-I
OSC1
OSC2
BUS-CLOCK
7-BIT PRESCALER
8-BIT COUNTER
TIMER CONTROL
KEYBOARD
INTERRUPT
D
D
R
A
P
O
R
T
A
D
D
R
B
P
O
R
T
B
PA0~PA7
8
PB0~PB7
8
38K modulate
OUT
Real Time Clock
OSC-II
EOSC1
EOSC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com