Electronic Components Datasheet Search
  English  ▼

X  

BL3501 Datasheet(PDF) 13 Page - SHANGHAI BELLING CO., LTD.

Part # BL3501
Description  BL3501
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL3501 Datasheet(HTML) 13 Page - SHANGHAI BELLING CO., LTD.

Back Button BL3501 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 14Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 15Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 16Page - SHANGHAI BELLING CO., LTD. BL3501 Datasheet HTML 17Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Shanghai Belling-Systron Microelectronics Co., Ltd.
BCD
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Reset
RSR
$92
SEC6
SEC5
SEC4
SEC3
SEC2
SEC1
SEC0
unaffected
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Reset
RMR
$93
MIN6
MIN5
MIN4
MIN3
MIN2
MIN1
MIN0
unaffected
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
Bit 0
Reset
RHR
$94
HR5
HR4
HR3
HR2
HR1
HR0
unaffected
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Reset
RDR
$95
DAY5
DAY4
DAY3
DAY2
DAY1
DAY0
unaffected
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Reset
RMOR
$96
MON4
MON3
MON2
MON1
MON0
unaffected
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Reset
RYR
$97
YR7
YR6
YR5
YR4
YR3
YR2
YR1
YR0
unaffected
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Reset
RWR
$98
WK2
WK1
WK0
unaffected
Vdd
2.2
5.5
V
VIN
Vss-0.3
Vdd+0.3
V
Id
3
mA
TA
-40
85
Vdd=3.0V
10%
Vss=0.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com