Electronic Components Datasheet Search
  English  ▼

X  

LM2940 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2940
Description  1-A LOW-DROPOUT VOLTAGE REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2940 Datasheet(HTML) 2 Page - Texas Instruments

  LM2940 Datasheet HTML 1Page - Texas Instruments LM2940 Datasheet HTML 2Page - Texas Instruments LM2940 Datasheet HTML 3Page - Texas Instruments LM2940 Datasheet HTML 4Page - Texas Instruments LM2940 Datasheet HTML 5Page - Texas Instruments LM2940 Datasheet HTML 6Page - Texas Instruments LM2940 Datasheet HTML 7Page - Texas Instruments LM2940 Datasheet HTML 8Page - Texas Instruments LM2940 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
SIMPLIFIED SCHEMATIC
V
IN
V
OUT
GND
350X
70X
2 kW
2.5X
.5X
X
X
4X
.5X
.3X
X
4X
6 kW
100 W
1.8 kW
2.4 kW
2.4 kW
2 kW
4 kW
50 W
X
4X
2.7 kW
19 kW
15 kW
3 kW
20 pF
4 pF
5.6 V
X
3X
X
3X
13 kW
LM2940
1-A LOW-DROPOUT VOLTAGE REGULATOR
SLVS634 – MAY 2006
ORDERING INFORMATION
TA
VZ
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
SOT-223 (DCY)
Reel of 2500
LM2940-50CDCYR
PREVIEW
5 V
TO-220 (KCS)
Tube of 50
LM2940-50CKCSE3
LM2940-50C
TO-263 (KTT)
Reel of 1000
LM2940-50CKTTR
PREVIEW
SOT-223 (DCY)
Reel of 2500
LM2940-80CDCYR
PREVIEW
0
°C to 125°C
8 V
TO-220 (KCS)
Tube of 50
LM2940-80CKCS
PREVIEW
TO-263 (KTT)
Reel of 1000
LM2940-80CKTTR
PREVIEW
SOT-223 (DCY)
Reel of 2500
LM2940-120CDCYR
PREVIEW
12 V
TO-220 (KCS)
Tube of 50
LM2940-120CKCS
PREVIEW
TO-263 (KTT)
Reel of 1000
LM2940-120CKTTR
PREVIEW
SOT-223 (DCY)
Reel of 2500
LM2940-50IDCYR
PREVIEW
5 V
TO-220 (KCS)
Tube of 50
LM2940-50IKCSE3
LM2940-50I
TO-263 (KTT)
Reel of 1000
LM2940-50IKTTR
PREVIEW
SOT-223 (DCY)
Reel of 2500
LM2940-80IDCYR
PREVIEW
–40
°C to 125°C
8 V
TO-220 (KCS)
Tube of 50
LM2940-80IKCS
PREVIEW
TO-263 (KTT)
Reel of 1000
LM2940-80IKTTR
PREVIEW
SOT-223 (DCY)
Reel of 2500
LM2940-120IDCYR
PREVIEW
12 V
TO-220 (KCS)
Tube of 50
LM2940-120IKCS
PREVIEW
TO-263 (KTT)
Reel of 1000
LM2940-120IKTTR
PREVIEW
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com