Electronic Components Datasheet Search
  English  ▼

X  

LM2940 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2940
Description  1-A LOW-DROPOUT VOLTAGE REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2940 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2940 Datasheet HTML 8Page - Texas Instruments LM2940 Datasheet HTML 9Page - Texas Instruments LM2940 Datasheet HTML 10Page - Texas Instruments LM2940 Datasheet HTML 11Page - Texas Instruments LM2940 Datasheet HTML 12Page - Texas Instruments LM2940 Datasheet HTML 13Page - Texas Instruments LM2940 Datasheet HTML 14Page - Texas Instruments LM2940 Datasheet HTML 15Page - Texas Instruments LM2940 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
www.ti.com
Heatsinking TO-220 Package Parts
Heatsinking TO-263 and SOT-223 Package Parts
Copper Foil Area – in
2
0
1
2
3
30
40
50
60
70
80
LM2940
1-A LOW-DROPOUT VOLTAGE REGULATOR
SLVS634 – MAY 2006
APPLICATION INFORMATION (continued)
The SOT-223 can be attached to a typical heatsink or secured to a copper plane on a PC board. If a copper
plane is use, the values of
θ
JA are the same as shown in under Heatsinking TO-263 and SOT-223 Package
Parts.
If a manufactured heatsink is selected, the value of heatsink-to-ambient thermal resistance,
θ
HA, must be
calculated:
θ
HA = θJA – θCH – θJC
Where
θ
JC is defined as the thermal resistance from the junction to the surface of the case. A value of 3°C/W can
be assumed for
θ
JC for this calculation.
θ
CH is defined as the thermal resistance between the case and the surface of the heatsink. The value of θCH
varies from about 1.5
°C/W to about 2.5°C/W, depending on the method of attachment, insulator, etc. If the
exact value is unknown, 2
°C/W should be assumed for θ
CH.
Both the TO-263 and SOT-223 packages use a copper plane on the PCB and the PCB itself as a heatsink. To
optimize the heatsinking ability of the plane and PCB, solder the tab of the package to the plane.
Figure 4 shows the measured values of
θ
JA for the TO-263 for different copper area sizes using a typical PCB
with 1-oz copper and no solder mask over the copper area used for heatsinking.
Figure 4.
θ
JA vs Copper (1 oz) Area for TO-263 Package
As shown in Figure 4, increasing the copper area beyond 1 in2 produces very little improvement. It should also
be observed that the minimum value of
θ
JA for the TO-263 package mounted to a PCB is 32°C/W.
As a design aid, Figure 5 shows the maximum allowable power dissipation compared to ambient temperature for
the TO-263 device, assuming
θ
JA is 35°C/W and the maximum junction temperature is 125°C.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com