Electronic Components Datasheet Search
  English  ▼

X  

LM2940 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2940
Description  1-A LOW-DROPOUT VOLTAGE REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2940 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2940 Datasheet HTML 8Page - Texas Instruments LM2940 Datasheet HTML 9Page - Texas Instruments LM2940 Datasheet HTML 10Page - Texas Instruments LM2940 Datasheet HTML 11Page - Texas Instruments LM2940 Datasheet HTML 12Page - Texas Instruments LM2940 Datasheet HTML 13Page - Texas Instruments LM2940 Datasheet HTML 14Page - Texas Instruments LM2940 Datasheet HTML 15Page - Texas Instruments LM2940 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.ti.com
TO-263 Package
PCB Mount
1-in Copper
2
T – Ambient Temperature – °C
A
-40
-25
25
75
125
0
1
2
3
4
5
Copper Foil Area – in
2
0
1
2
3
50
80
110
140
170
200
SOT-223 Package
PCB Mount
1-in Copper
2
2-oz Copper
1-oz Copper
T – Ambient Temperature – °C
A
-40
-25
25
75
125
0
1
2
3
4
5
LM2940
1-A LOW-DROPOUT VOLTAGE REGULATOR
SLVS634 – MAY 2006
APPLICATION INFORMATION (continued)
Figure 5. Maximum Power Dissipation vs Ambient Temperature for TO-263 Package
Figure 6 and Figure 7 show the information for the SOT-223 package. Figure 7 assumes a
θ
JA of 74°C/W for
1-oz copper, 51
°C/W for 2-oz copper, and a maximum junction temperature of 125°C.
Figure 6.
θ
JA vs Copper (2 oz) Area for SOT-223 Package
Figure 7. Maximum Power Dissipation vs Ambient Temperature for SOT-223 Package
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com