Electronic Components Datasheet Search
  English  ▼

X  

IRF.F180 Datasheet(PDF) 4 Page - International Rectifier

Part # IRF.F180
Description  FAST THYRISTOR/ DIODE and MAGN-A-pak Power Modules THYRISTOR/ THYRISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF.F180 Datasheet(HTML) 4 Page - International Rectifier

  IRF.F180 Datasheet HTML 1Page - International Rectifier IRF.F180 Datasheet HTML 2Page - International Rectifier IRF.F180 Datasheet HTML 3Page - International Rectifier IRF.F180 Datasheet HTML 4Page - International Rectifier IRF.F180 Datasheet HTML 5Page - International Rectifier IRF.F180 Datasheet HTML 6Page - International Rectifier IRF.F180 Datasheet HTML 7Page - International Rectifier IRF.F180 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRK.F180.. Series
4
Bulletin I27100 rev. C 03/01
www.irf.com
∆R
thJC Conduction
(The following table shows the increment of thermal resistance R
thJC when devices operate at different conduction angles than DC)
Conduction angle
Sinusoidal conduction Rectangular conduction Units
Conditions
180°
0.009
0.006
K/W
T
J = 125°C
120°
0.010
0.011
90°
0.014
0.015
60°
0.020
0.020
30°
0.032
0.033
IRK
T
F
180
-
12
H
K
1
2
3
1
- Module type
2
- Circuit configuration
3
- Fast SCR
4
- Current rating: IT(AV) x 10 rounded
5
- Voltage code: Code x 100 = VRRM (See Voltage Ratings Table)
6
- dv/dt code: H
≤ 400V/µs
7
-t
q code: K ≤ 20µs
J
≤ 25µs
4
Device Code
Ordering Information Table
5
6
7
NOTE: To order the Optional Hardware see Bulletin I27900



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com