Electronic Components Datasheet Search
  English  ▼

X  

IRF.F180 Datasheet(PDF) 7 Page - International Rectifier

Part # IRF.F180
Description  FAST THYRISTOR/ DIODE and MAGN-A-pak Power Modules THYRISTOR/ THYRISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF.F180 Datasheet(HTML) 7 Page - International Rectifier

  IRF.F180 Datasheet HTML 1Page - International Rectifier IRF.F180 Datasheet HTML 2Page - International Rectifier IRF.F180 Datasheet HTML 3Page - International Rectifier IRF.F180 Datasheet HTML 4Page - International Rectifier IRF.F180 Datasheet HTML 5Page - International Rectifier IRF.F180 Datasheet HTML 6Page - International Rectifier IRF.F180 Datasheet HTML 7Page - International Rectifier IRF.F180 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRK.F180.. Series
7
Bulletin I27100 rev. C 03/01
www.irf.com
Fig. 9 - Reverse Recovery Charge Characteristics
Fig. 10 - Reverse Recovery Current Characteristics
Fig. 11 - Frequency Characteristics
Fig. 12 - Frequency Characteristics
20
40
60
80
100
120
140
160
180
10
20
30
40
50
60
70
80
90 100
5 00A
3 00A
2 00A
1 00A
R ate O f F all O f Fo rw ard C urre n t - di/dt (A / s)
IR K .F180.. Se rie s
T = 125 C
I
= 1000A
J
TM
80
100
120
140
160
180
200
220
240
260
280
300
320
10
20
30
40
50
60
70
80
90
100
30 0 A
20 0 A
10 0 A
50 0 A
Ra te O f Fa ll O f Fo rw a rd C urre n t - d i/d t (A / s)
IRK.F 180.. Se rie s
T = 125 C
I
= 1 000 A
J
TM
1E1
1E2
1E3
1E4
1E11E2
1E31E4
50 H z
40 0
10 00
5000
150
250 0
Snub b e r circuit
R = 10 ohm s
C = 0.47 F
V
= 80% V
Pu lse Base w id th ( s)
tp
1E4
IRK .F180.. Serie s
DR M
s
s
D
Tra p ezo id a l p ulse
T
= 8 5 C d i/d t 50A / s
C
E1
1E2
1E3
1E4
50 H z
400
10 00
500 0
150
250 0
Snub b er circuit
R = 10 ohm s
C = 0.47 F
V = 80% V
Pu lse Base w idth ( s)
tp
1E1
DRM
s
s
D
IRK .F180.. Series
Tra p ezoid a l p ulse
T
= 85 C d i/d t 100A / s
C
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 H z
400
1000
50 00
15 0
2500
Pu lse Ba sew id th ( s)
Snub b er c ircuit
R = 10 ohm s
C = 0.47 F
V
= 80% V
tp
1E4
Sinuso id a l p ulse
DR M
s
s
D
IRK .F1 80.. Se rie s
T = 85 C
C
1E1
1E2
1E3
1E4
50 H z
40 0
1000
500 0
15 0
250 0
Pu lse Ba sew id th ( s)
IRK .F 180.. Serie s
Sinusoid a l pulse
T = 60 C
Snub b e r c irc uit
R = 10 ohm s
C = 0.47
F
V
= 80% V
1E1
tp
C
DRM
s
s
D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com