Electronic Components Datasheet Search
  English  ▼

X  

IRF.F180 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF.F180
Description  FAST THYRISTOR/ DIODE and MAGN-A-pak Power Modules THYRISTOR/ THYRISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF.F180 Datasheet(HTML) 1 Page - International Rectifier

  IRF.F180 Datasheet HTML 1Page - International Rectifier IRF.F180 Datasheet HTML 2Page - International Rectifier IRF.F180 Datasheet HTML 3Page - International Rectifier IRF.F180 Datasheet HTML 4Page - International Rectifier IRF.F180 Datasheet HTML 5Page - International Rectifier IRF.F180 Datasheet HTML 6Page - International Rectifier IRF.F180 Datasheet HTML 7Page - International Rectifier IRF.F180 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
www.irf.com
Features
Fast turn-off thyristor
Fast recovery diode
High surge capability
Electrically isolated baseplate
3000 V
RMS isolating voltage
Industrial standard package
UL E78996 approved
Description
These series of MAGN-A-pak modules are intended for
applications such as self-commutated inverters, DC
choppers, electronic welders, induction heating and
others where fast switching characteristics are
required.
Parameters
IRK.F180..
Units
I
T(AV)
180
A
@ T
C
85
°C
IT(RMS)
400
A
I
TSM
@ 50Hz
7130
A
@ 60Hz
7470
A
I2t
@ 50Hz
255
KA2s
@ 60Hz
232
KA2s
I2
√t
2550
KA2
√s
t
q
20 and 25
µs
t
rr
2µs
V
DRM / VRRM
up to 1200
V
T
J
range
- 40 to 125
o
C
Major Ratings and Characteristics
180 A
FAST THYRISTOR/ DIODE and
THYRISTOR/ THYRISTOR
Bulletin I27100 rev. C 03/01
IRK.F180.. SERIES
MAGN-A-pak
 Power Modules


Similar Part No. - IRF.F180

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF VISHAY-IRF Datasheet
74Kb / 3P
Inductors Epoxy Conformal Coated Uniform Roll Coated
07-Aug-07
IRF-1 VISHAY-IRF-1 Datasheet
74Kb / 3P
Inductors Epoxy Conformal Coated Uniform Roll Coated
07-Aug-07
IRF-24 VISHAY-IRF-24 Datasheet
128Kb / 1P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Feb-05
IRF-24 VISHAY-IRF-24 Datasheet
71Kb / 2P
Inductors
14-Jan-08
IRF-24 VISHAY-IRF-24 Datasheet
71Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
04-Mar-14
More results

Similar Description - IRF.F180

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKTF180 IRF-IRKTF180 Datasheet
230Kb / 8P
FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR (MAGN-A-pak Power Modules)
logo
Vishay Siliconix
VSKTF200-12HKP VISHAY-VSKTF200-12HKP_10 Datasheet
1Mb / 11P
Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
19-Jul-10
logo
Nell Semiconductor Co.,...
NKT250 NELLSEMI-NKT250 Datasheet
1Mb / 4P
Thyristor/Diode and Thyristor/Thyristor, 250A( MAGN-A-PAK Power Modules)
NKT330 NELLSEMI-NKT330 Datasheet
2Mb / 4P
Thyristor/Diode and Thyristor/Thyristor, 330A( MAGN-A-PAK Power Modules)
NKT350 NELLSEMI-NKT350 Datasheet
2Mb / 4P
Thyristor/Diode and Thyristor/Thyristor, 350A( MAGN-A-PAK Power Modules)
NKT500 NELLSEMI-NKT500 Datasheet
1Mb / 4P
Thyristor/Diode and Thyristor/Thyristor, 500A(SUPER MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VSK.F180P VISHAY-VSK.F180P Datasheet
1Mb / 11P
Fast Thyristor/Diode and Thyristor/Thyristor(MAGN-A-PAK Power Modules), 180 A
19-Jul-10
VSK.F200P VISHAY-VSK.F200P Datasheet
1Mb / 11P
Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
19-Jul-10
VSKF180P VISHAY-VSKF180P Datasheet
1Mb / 11P
Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 180 A
19-Jul-10
VSKF200P VISHAY-VSKF200P Datasheet
1Mb / 11P
Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
19-Jul-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com