Electronic Components Datasheet Search
  English  ▼

X  

BGY2016 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BGY2016
Description  UHF amplifier module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY2016 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BGY2016 Datasheet HTML 2Page - NXP Semiconductors BGY2016 Datasheet HTML 3Page - NXP Semiconductors BGY2016 Datasheet HTML 4Page - NXP Semiconductors BGY2016 Datasheet HTML 5Page - NXP Semiconductors BGY2016 Datasheet HTML 6Page - NXP Semiconductors BGY2016 Datasheet HTML 7Page - NXP Semiconductors BGY2016 Datasheet HTML 8Page - NXP Semiconductors BGY2016 Datasheet HTML 9Page - NXP Semiconductors BGY2016 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2000 Jan 04
6
Philips Semiconductors
Product specification
UHF amplifier module
BGY2016
MOUNTING RECOMMENDATIONS
To ensure a good thermal contact and to prevent mechanical stress when bolted down, the flatness of the mounting base
is designed to be typically better than 0.1 mm. The mounting area of the heatsink should be flat and free from burrs and
loose particles. The heatsink should be rigid and not prone to bowing under thermal cycling conditions. The thickness of
a solid heatsink should be not less than 5 mm to ensure a rigid assembly.
A thin, even layer of thermal compound should be applied between the mounting base and the heatsink to achieve the
best possible thermal contact resistance. Excessive use of thermal compound will result in an increase in thermal
resistance and possible bowing of the mounting base; too little will also result in poor thermal conduction.
The module should be mounted to the heatsink using 3 mm bolts with flat washers. The bolts should first be tightened to
“finger tight” and then further tightened in alternating steps to a maximum torque of 0.4 to 0.6 Nm.
Once mounted on the heatsink, the module leads can be soldered to the printed-circuit board. A soldering iron may be
used up to a temperature of 250
°C for a maximum of 10 seconds at a distance of 2 mm from the plastic cap.
ESD precautions must be taken to protect the device from electrostatic damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com