Electronic Components Datasheet Search
  English  ▼

X  

AT9933 Datasheet(PDF) 7 Page - Supertex, Inc

Part # AT9933
Description  Hysteretic Boost-Buck (cuk) LED Driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

AT9933 Datasheet(HTML) 7 Page - Supertex, Inc

  AT9933 Datasheet HTML 1Page - Supertex, Inc AT9933 Datasheet HTML 2Page - Supertex, Inc AT9933 Datasheet HTML 3Page - Supertex, Inc AT9933 Datasheet HTML 4Page - Supertex, Inc AT9933 Datasheet HTML 5Page - Supertex, Inc AT9933 Datasheet HTML 6Page - Supertex, Inc AT9933 Datasheet HTML 7Page - Supertex, Inc AT9933 Datasheet HTML 8Page - Supertex, Inc AT9933 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
AT9933
Design Example
The choice of the resistor dividers to set the input and output
current levels is illustrated by means of the design example
given below.
The parameters of the power circuit are:
V
IN MIN = 9V
V
IN MAX = 16V
V
O = 28V
I
O = 0.35A
f
S MIN = 300kHz
Using these parameters, the values of the power stage in-
ductors and capacitor can be computed as (see Application
Note AN-H51 for details):
L1 = 82µH
L2 = 150µH
C1 = 0.22µF
The input and output currents for this design are:
I
IN MAX = 1.6A
ΔI
IN = 0.21A
I
O = 350mA
ΔI
O = 87.5mA
Current Limits
The current sense resistor (R
CS2), combined with the other
resistors (R
S2 & RREF2), determines the output current limits.
The current sense resistor (R
CS1), combined with the other
resistors (R
S1 & RREF1), determines the input current limits.
The resistors can be chosen using the following equations:
(2)
(3)
Where I is the current (either I
O or IIN) and ΔI is the peak-to-
peak ripple in the current (either ΔI
O or ΔIIN).
For the input side, the current level used in the equations
should be larger than the maximum input current so that it
does not interfere with the normal operation of the circuit.
The peak input current can be computed as:
(4)
I X RCS = 1.2V X
RS
RREF
+ 0.05V
∆I X RCS = 0.1V X
RS
RREF
+ 0.1V
IIN,PK = IIN,MAX +
Iin
= 1.706A
∆
2
Design Example Circuit
VIN
GATE
CS1
CS2
VDD
PWMD
REF
GND
VDC
L1
L2
C1
Q1
D1
RCS1
RS2A
RREF2
RREF1
RS1
C2
D2 (optional)
VO
+
-
C3
RCS2
CO
RD
CD
AT9933
RS2B
D3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com