Electronic Components Datasheet Search
  English  ▼

X  

AT9933 Datasheet(PDF) 5 Page - Supertex, Inc

Part # AT9933
Description  Hysteretic Boost-Buck (cuk) LED Driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

AT9933 Datasheet(HTML) 5 Page - Supertex, Inc

  AT9933 Datasheet HTML 1Page - Supertex, Inc AT9933 Datasheet HTML 2Page - Supertex, Inc AT9933 Datasheet HTML 3Page - Supertex, Inc AT9933 Datasheet HTML 4Page - Supertex, Inc AT9933 Datasheet HTML 5Page - Supertex, Inc AT9933 Datasheet HTML 6Page - Supertex, Inc AT9933 Datasheet HTML 7Page - Supertex, Inc AT9933 Datasheet HTML 8Page - Supertex, Inc AT9933 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
AT9933
Functional Description
Power Topology
The AT9933 is optimized to drive a continuous conduction
mode (CCM) boost-buck DC/DC converter topology com-
monly referred to as “Ćuk converter” (see Circuit Diagram
on page 1). This power converter topology offers numerous
advantages useful for driving high-brightness light emitting
diodes (HB LED). These advantages include step-up or
step-down voltage conversion ratio and low input and output
current ripple. The output load is decoupled from the input
voltage with a capacitor making the driver inherently failure-
safe for the output load.
The AT9933 offers a simple and effective control technique
for use with a boost-buck LED driver. It uses two hysteretic
mode controllers – one for the input and one for the output.
The outputs of these two hysteretic comparators are AND-
ED and used to drive the external FET. This control scheme
gives accurate current control and constant output current in
the presence of input voltage transients without the need for
complicated loop design.
Input Voltage Regulator
The AT9933 can be powered directly from its VIN pin that
takes a voltage from 8V to 100V. When a voltage is applied
at the VIN pin, the AT9933 seeks to regulate a constant 7.5V
(typ) at the VDD pin. The regulator also has a built in under-
voltage lockout which shuts off the IC if the voltage at the
VDD pin falls below the UVLO threshold.
The VDD pin must be bypassed by a low ESR capacitor
(≥0.1μF) to provide a low impedance path for the high fre-
quency current of the output gate driver.
The input current drawn from the VIN pin is a sum of the 1mA
current drawn by the internal circuit and the current drawn by
the gate driver (which in turn depends on the switching fre-
quency and the gate charge of the external FET).
I
IN = 1mA + QG•fS
(1)
In the above equation, f
S is the switching frequency and QG
is the gate charge of the external FET (which can be ob-
tained from the datasheet of the FET).
Minimum Input Voltage at VIN pin
The minimum input voltage at which the converter will start
and stop depends on the minimum voltage drop required for
the linear regulator. The internal linear regulator will regu-
late the voltage at the VDD pin when V
IN is between 8 and
100V. However, when V
IN is less than 8V, the converter will
still function as long as V
DD is greater than the under voltage
lockout. Thus, under certain conditions, the converter will be
able to start at V
IN voltages of less than 8V. The start/stop
voltages at the VIN pin can be determined using the maxi-
mum voltage drop across the linear regulator as a function
of the current drawn. This data is shown in Fig. 1 for ambient
temperatures of 25ºC and 125ºC.
Assume an ambient temperature of 125°C. Assuming the IC
is driving a 15nC gate charge FET at 300kHz, the total input
current is estimated to be 5.5mA (using Eqn. 1). At this input
current, the maximum voltage drop from Fig. 1 can be ap-
proximately estimated to be V
DROP = 2.7V. However, before
the IC starts switching the current drawn will be 1mA. At this
current level, the voltage drop is approximately V
DROP1 = 0.5V.
Thus, the start/stop V
IN voltages can be computed to be:
VIN
START = UVLOMAX + VDROP1
= 6.95V + 0.5V
= 7.45V
VIN
STOP = UVLOMAX - ΔUVLO + VDROP
= 6.95 - 0.5V + 2.7V
= 9.15V
Note that in this case, since the gate drive draws too much
current, VIN
START is less than VINSTOP. In such cases, the con-
trol IC will oscillate between ON and OFF if the input voltage
is between the start and stop voltages. In these circumstanc-
es, it is recommended that the input voltage be kept higher
than VIN
STOP (in this case the IC will operate normally if the
input voltage is kept higher than 9.2V).
In case of input transients that reduce the input voltage be-
low 8V (like cold crank condition in an automotive system),
the VIN pin of the AT9933 can be connected to the drain of
the MOSFET through a switching diode with a small (1nF)
capacitor between VIN and GND (as long as the drain volt-
age does not exceed 100V). Since the drain of the FET is at
a voltage equal to the sum of the input and output voltages,
the IC will still be operational when the input goes below 8V.
In these cases, a larger capacitor is needed to the VDD pin
to supply power to the IC when the MOSFET is ON.
Voltage Drop vs. I
IN
0
0.5
1
1.5
2
2.5
3
3.5
01
2345
67
I
IN (mA)
Fig. 1. Maximum Voltage Drop vs. Input Current
125
OC
25
OC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com