Electronic Components Datasheet Search
  English  ▼

X  

LTP8800-1AIPVPBF Datasheet(PDF) 16 Page - Analog Devices

Part # LTP8800-1AIPVPBF
Description  150A DC/DC μModule Regulator with PMBus Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8800-1AIPVPBF Datasheet(HTML) 16 Page - Analog Devices

Back Button LTP8800-1AIPVPBF Datasheet HTML 12Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 13Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 14Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 15Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 16Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 17Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 18Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 19Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTP8800-1A
16
Rev. B
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 12. 3-Phase Operation Producing 0.75V at 450A with Power System Management Features
C1
4.7µF
210Ω
1.00k
2.00k
100pF
5k
5k
3.3k
VIN
7V0
3V3
SYNC
CTRL
SMBALERT
SDA
SCL
ISHARE
ADD
GND
VS–
VS+
VOUT
3.3k
750Ω
1.00k
2.00k
100pF
VIN
7V0
3V3
SYNC
CTRL
SMBALERT
SDA
SCL
ISHARE
ADD
GND
VS–
VS+
VOUT
1.33k
1.00k
2.00k
100pF
VIN
7V0
3V3
SYNC
CTRL
SMBALERT
SDA
SCL
ISHARE
ADD
GND
VS–
VS+
VOUT
10k
4.75k
4.75k
4.75k
7.5Ω
D1
D2
D3
7V
3V3
3V3
ISHARE BUS
SCL
SDA
SMBALERT
ON/OFF CTRL
SYNC CLOCK
7V
3V3
VOUT 0.75V 450A
ISHARE BUS
SCL
SDA
SMBALERT
ON/OFF CTRL
SYNC CLOCK
7V
3V3
ISHARE BUS
SCL
SDA
SMBALERT
ON/OFF CTRL
SYNC CLOCK
TRIM+
TRIM–
TRIM+
TRIM–
TRIM+
TRIM–
C2
4.7µF
7.5Ω
7.5Ω
VIN
45V TO 65V
VIN
45V TO 65V
VIN
45V TO 65V
88001a F12
1MHz
WITH
50%
DUTY
CYCLE
C7: EEFGX0D561R
C6: GRM32EC70G107ME15L
C5: C1608X7S0J106M080AC
C1: EEE-FK2A470AQ
C2, C3, C4: GRM31CC72A475KE11L
D1, D2, D3: BAT54WS
LTP8800-1A
LTP8800-1A
LTP8800-1A
C6
100µF
×36
C5
10µF
×24
C7
560µF
×39
C3
4.7µF
C4
4.7µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com