Electronic Components Datasheet Search
  English  ▼

X  

LTP8800-1AIPVPBF Datasheet(PDF) 20 Page - Analog Devices

Part # LTP8800-1AIPVPBF
Description  150A DC/DC μModule Regulator with PMBus Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8800-1AIPVPBF Datasheet(HTML) 20 Page - Analog Devices

Back Button LTP8800-1AIPVPBF Datasheet HTML 12Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 13Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 14Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 15Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 16Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 17Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 18Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 19Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
Digital Power System Management
Analog Devices’ family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
LTP8800-1A
20
Rev. B
For more information www.analog.com
 ANALOG DEVICES, INC. 2023
6/23
www.analog.com
RELATED PARTS
DESIGN RESOURCES
PART NUMBER DESCRIPTION
COMMENTS
LTP8800-4A
54VIN, 200A μModule Regulator with Digital Power
System Management, Optimized 0.8VOUT
45V ≤ VIN ≤ 65V, 0.5V ≤ VOUT ≤ 1.1V, PMBus with Control and Telemetry, ±0.5% of
Maximum DC Output Error, 22mm × 24mm × 22mm Surface-Mount Package
LTP8802A-1A
54VIN, 140A μModule Regulator with Digital Power
System Management, Optimized 3.3VOUT
45V ≤ VIN ≤ 65V, 0.5V ≤ VOUT ≤ 3.6V, PMBus with Control and Telemetry, ±0.5% of
Maximum DC Output Error, 22mm × 24mm × 22mm Surface-Mount Package
LTP8803-1A
54VIN, 140A μModule Regulator with Digital Power
System Management, Optimized 1.2VOUT
45V ≤ VIN ≤ 65V, 0.5V ≤ VOUT ≤ 1.5V, PMBus with Control and Telemetry, ±0.5% of
Maximum DC Output Error, 22mm × 24mm × 22mm Surface-Mount Package
LTM®4664
54VIN, Dual 25A or Single 50A µModule Regulator
with Digital Power System Management
30V ≤ VIN ≤ 58V, 0.5V ≤ VOUT ≤ 1.5V, PMBus with Control and Telemetry, ±0.5% of
Maximum DC Output Error, 16mm × 16mm × 7.72mm BGA Package
LTM4664A
54VIN, Dual 30A or Single 60A µModule Regulator
with Digital Power System Management
30V ≤ VIN ≤ 58V, 0.5V ≤ VOUT ≤ 1.2V. PMBus with Control and Telemetry, ±0.5% of
Maximum DC Output Error. 16mm × 16mm × 7.72mm BGA Package.
LTM4700
Dual 50A or Single 100A µModule Regulator with
Digital Power System Management
4.5V ≤ VIN ≤ 16V, 0.5V ≤ VOUT ≤ 1.8V, PMBus with Control and Telemetry, ±0.5% of
Maximum DC Output Error, 15mm × 22mm × 7.87mm BGA Package
LTM4681
Quad 31.25A or Single 125A µModule Regulator
with Digital Power System Management
4.5V ≤ VIN ≤ 16V, 0.5V ≤ VOUT ≤ 3.3V, PMBus with Control and Telemetry, ±0.5% of
Maximum DC Output Error. 15mm × 22mm × 8.17mm BGA Package.
LTM4660
60V, 300W Non-Isolated µModule Bus Converter 30V ≤ VIN ≤ 60V, 7.5V ≤ VOUT ≤ 18V, Up to 300W, 16mm × 16mm × 10.34 BGA Package
PACKAGE PHOTOS Part marking is either ink mark or laser mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com