Electronic Components Datasheet Search
  English  ▼

X  

LTP8800-1AIPVPBF Datasheet(PDF) 18 Page - Analog Devices

Part # LTP8800-1AIPVPBF
Description  150A DC/DC μModule Regulator with PMBus Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8800-1AIPVPBF Datasheet(HTML) 18 Page - Analog Devices

Back Button LTP8800-1AIPVPBF Datasheet HTML 12Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 13Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 14Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 15Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 16Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 17Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 18Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 19Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTP8800-1A
18
Rev. B
For more information www.analog.com
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications
subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
PACKAGE DESCRIPTION
PCA22 0621 REV B
PCA Package
22-Lead (22mm × 24mm × 6.70mm)
(Reference LTC DWG #05-08-7006 Rev B)
DETAIL A
1.60±0.10
1.00±0.10
bbb Z X Y
14×
DETAIL B
2.40±0.10
1.50±0.10
bbb Z X Y
6×
DETAIL D
DETAIL C
10.00±0.30
2.50±0.30
bbb Z X Y
2×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com