Electronic Components Datasheet Search
  English  ▼

X  

520 Datasheet(PDF) 2 Page - CTS Corporation

Part # 520
Description  Temperature Compensated Crystal Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

520 Datasheet(HTML) 2 Page - CTS Corporation

  520 Datasheet HTML 1Page - CTS Corporation 520 Datasheet HTML 2Page - CTS Corporation 520 Datasheet HTML 3Page - CTS Corporation 520 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document No. 008-0371-0
Page 2 - 4
Rev. C
Model 520
TCXO/VCTCXO – Clipped Sine Wave
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Supply Voltage
VCC
-
-0.5
-
6.0
V
Maximum Control Voltage
VC
--0.5
-
VCC
V
Storage Temperature
TSTG
--40
-
85
°C
Frequency Range
fO
Std frequencies listed in Ordering Information
10
-
52
MHz
Frequency Stability
Δf/fO
Frequency vs. Temperature Only
± ppm
Frequency Stability
vs. Initial Calibration
@25°C
--
2.0
vs. Supply Voltage
±5% change
--
0.2
vs. Load
±10% change
--
0.2
vs. Reflow Shift
After 2 reflows
--
2.0
1st year
--
1.0
10 year
-
-
10.0
Operating Temperature
Order Code 'W'
055
Order Code 'H'
-10
60
Order Code 'C'
-20
70
Order Code 'D'
-30
85
Order Code 'I'
-40
85
Supply Voltage
Order Code 'M'
1.77
1.8
1.83
Order Code 'N'
2.38
2.5
2.63
Order Code 'T'
±5%
2.66
2.8
2.94
Order Code 'R'
2.85
3.0
3.15
Order Code 'L'
3.14
3.3
3.47
Supply Current
10.00 MHz - 25.99 MHz
-
-
2
26.00 MHz - 52.00 MHz
-
-
2.5
Control Voltage
2.5V, 2.8V, 3.0V, 3.3V
0.4
1.5
2.4
1.8V
0.3
0.9
1.5
Frequency Tuning [VCTCXO Only]
-
Specified VC Range
5.0
-
-
± ppm
VC Input Impedance
ZVC
-
500
-
-
kOhm
Output Waveform
AC coupled Clipped Sinewave
Output Voltage Levels
VO
0.8
-
-
Vp-p
Output Load
RL // CL
-
Start Up Time
TS
--
-
2
ms
Phase Noise
-
dBc/Hz
25
VC
V
V
ICC
mA
10 kOhm // 10 pF
0.5, 1.0, 1.5
2.0, 2.5
-
± ppm
vs. Aging
TA
-°C
VCC
Varies based on output frequency. See example plot @ 19.2 MHz below.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com