Electronic Components Datasheet Search
  English  ▼

X  

520 Datasheet(PDF) 1 Page - CTS Corporation

Part # 520
Description  Temperature Compensated Crystal Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

520 Datasheet(HTML) 1 Page - CTS Corporation

  520 Datasheet HTML 1Page - CTS Corporation 520 Datasheet HTML 2Page - CTS Corporation 520 Datasheet HTML 3Page - CTS Corporation 520 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document No. 008-0371-0
Page 1 - 4
Rev. C
www.ctscorp.com
Model 520
Temperature Compensated Crystal Oscillator
FEATURES
• Clipped Sine Wave Output
• Optional Voltage Control for Frequency Tuning [VCTCXO]
• 2.5mmx2.0mm Surface Mount Package
• Frequency Range 10 – 52 MHz [Standard Frequencies List Shown Below]
• Fundamental Crystal Design
• Frequency Stability, several options to choose from ±0.5ppm ~ ±2.5ppm
• Operating Voltage, +1.8Vdc ~ +2.5Vdc
• Operating Temperature to -40°C to +85°C
• Tape & Reel Packaging Available
• RoHS/Green Compliant (6/6)
APPLICATIONS
The Model 520 Temperature Compensated Crystal Oscillator (TCXO) is a quartz
based, clipped sine wave output, with optional frequency tuning, in a hermetically
sealed ceramic package. M520 is suitable for wireless communications, broadband access,
WLAN/WiMax/WIFI, portable equipment, test and measurement and mobile applications.
ORDERING INFORMATION
3] Frequency is recorded with two leading digits before the ‘M’ and 4 significant digits after the ‘M’ (including zeros).
1] Only available with temperature range codes "H" and "C".
Not all performance combinations and frequencies may be available.
M = +1.8Vdc
N = +2.5Vdc
T = +2.8Vdc
R = +3.0Vdc
L = +3.3Vdc
Contact your local CTS Representative or CTS Customer Service for availability.
T = TCXO (no AFC)
A = ± 5 ppm 4
2] Only available with temperature range codes "H", "C" and "D".
[Ex. XXMXXXX (10M0000), XXMXXXX (16M3840)]
4] See Electrical Characteristics for Control Voltage range per Supply Voltage selected.
FREQUENCY STABILITY *
05 = ± 0.5 ppm 1
10 = ± 1.0 ppm 2
15 = ± 1.5 ppm
20 = ± 2.0 ppm
25 = ± 2.5 ppm (std)
OPERATING TEMPERATURE RANGE
H = -10°C to +60°C
C = -20°C to +70°C
D = -30°C to +85°C (std)
I = -40°C to +85°C
* Frequency vs. Temperature Only
SUPPLY VOLTAGE
FREQUENCY IN MHz
M - indicates MHz and decimal point. 3
[See table below for standard frequencies available.]
FREQUENCY TUNING (AFC)
M
520
13.000000
16.368000
19.200000
26.000000
40.000000
16.367667
16.369000
20.000000
38.400000
M520 Standard Frequencies


Similar Part No. - 520

ManufacturerPart #DatasheetDescription
logo
Littelfuse
520 LITTELFUSE-520 Datasheet
89Kb / 1P
MINIATURE FUSEHOLDERS
logo
Intel Corporation
520 INTEL-520 Datasheet
1Mb / 96P
Pentium 4 Processors Supporting Hyper-Threading Technology
logo
Marl International Limi...
520 MARL-520 Datasheet
423Kb / 5P
횠6.1mm mounting Robust stainless steel housing
logo
List of Unclassifed Man...
520 ETC2-520 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
3M Electronics
520 3M-520 Datasheet
15Kb / 2P
Sandblast Stencil
More results

Similar Description - 520

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZC503 ETC1-ZC503 Datasheet
2Mb / 4P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
CSX-532T ETC1-CSX-532T Datasheet
110Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
TX-400 VECTRON-TX-400_10 Datasheet
363Kb / 5P
Temperature Compensated Crystal Oscillator
TX-703 VECTRON-TX-703 Datasheet
250Kb / 5P
Temperature Compensated Crystal Oscillator
TX-550 VECTRON-TX-550 Datasheet
435Kb / 6P
Temperature Compensated Crystal Oscillator
VT-822 VECTRON-VT-822 Datasheet
204Kb / 5P
Temperature Compensated Crystal Oscillator
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Vanlong Technology Co.,...
TO520 VANLONG-TO520_13 Datasheet
45Kb / 1P
Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com